Electronic Components Datasheet Search |
|
3-1376383-4 Datasheet(PDF) 69 Page - Tyco Electronics |
|
3-1376383-4 Datasheet(HTML) 69 Page - Tyco Electronics |
69 / 98 page 203 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 .156 MATE-N-LOK Connectors AMP Soft Shell Pin and Socket Connectors Product Facts I Positive polarized nylon housings I Panel mount or free-hanging I Numbered cavities for easy circuit identification I Removable, crimp snap-in contacts I Contacts accept 20-10 AWG wire sizes I Pin contacts are used in cap housings, socket contacts are used in plug housings I Not for interrupting current I Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 I Certified by Canadian Standards Association File No. LR7189 R Wire Size Ins. Dia. Contact Part Number HDM1 Hand Tool Range Pin Socket Applicator AWG [mm2] Range Strip Form Loose Piece Strip Form Loose Piece Part No. Part No. 20-14 466462-1 [.5-2.0] .125 max. 61086-1 61251-1 61085-1 61250-1 466462-2 58631-1 466462-3 12-10 .185 max. 61234-1 61253-1 61233-1 61252-1 687765-2 58632-1 [3.0-6.0] 687765-3 1 To be used with appropriate application machine. See pages 201-204 for further information. Note: All part numbers are RoHS Compliant. .925 [2.35] Pin Used in Caps Socket Used in Plugs .760 [1.93] Insertion Tool Part No. 91002-1 (IS 408-7347) Extraction Tool Part No. 691458-1 (Pins) Part No. 691458-2 (Sockets) (IS 408-4322) Contacts Pin diameter .156 [3.96] Material and Finish Contacts— Brass, Pre-tin plated Stock thickness .018 [.457] |
Similar Part No. - 3-1376383-4 |
|
Similar Description - 3-1376383-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |