Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIS150-124 Datasheet(PDF) 8 Page - Touchstone Semiconductor Inc

Part # TIS150-124
Description  Industrial Power Supplies
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS150-124 Datasheet(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TIS150-124 Datasheet HTML 4Page - Touchstone Semiconductor Inc TIS150-124 Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS150-124 Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS150-124 Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS150-124 Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS150-124 Datasheet HTML 9Page - Touchstone Semiconductor Inc TIS150-124 Datasheet HTML 10Page - Touchstone Semiconductor Inc TIS150-124 Datasheet HTML 11Page - Touchstone Semiconductor Inc TIS150-124 Datasheet HTML 12Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
http://www.tracopower.com
Page 8 of 13
Battery-Pack for DC-UPS Systems
The battery pack contains high quality, maintenance free lead-acid batteries with 3.2 Ah or 7.0 Ah capacity. The batteries are fixed to-
gether with a re-settable electronic fuse on a solid mounting frame. Together with power supply models TIS 300-124 UDS or TIS 600-124
UDS the battery pack provides a complete and reliable DC-UPS system.
Backup time depends on load current and battery capacity.
Industrial Power Supplies
TIS Series
50–600 Watt
Order Code
Battery Voltage
Battery Capacity
Permissable Charge
(25 °C, 20 h-rate)
Current max.
TIS 24-32AP
24 VDC
3.2 Ah
1.2 A
TIS 24-70AP
24 VDC
7.0 Ah
2.4 A
Models
Specifications
Max. charge voltage
27 – 27.6 VDC
Temperature coefficient
–36 mV/°C
Temperature range
– at charge operation
–15°C to +50°C
– at load operation
–20°C to +60°C
– Storage
–20°C to +60°C
Average lifetime on standby operation at tA =20°C
4 – 5 years (Limited Warranty on Battery)
Cable length
1.0 m
Cable diameter
TIS 24-32 AP: 2.5 mm2 (AWG 12)
TIS 24-70 AP: 4.0 mm2 (AWG 11)
Weight
TIS 24-32 AP: 2.9 kg (6.4 lb)
TIS 24-70 AP: 4.1 kg (9.1 lb)
Recommended combinations
TIS 24-32 AP: TIS 300-124 UDS
(power supplies)
TIS 24-70 AP: TIS 600-124 UDS


Similar Part No. - TIS150-124

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIS TRACOPOWER-TIS Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
logo
Transko Electronics, In...
TIS TRANSKO-TIS Datasheet
453Kb / 1P
   FR-4 SMD LVDS OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
logo
TRACO Electronic AG
TIS-150-124 TRACOPOWER-TIS-150-124 Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
TIS-150-124-RED TRACOPOWER-TIS-150-124-RED Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
TIS-150-124-SIG TRACOPOWER-TIS-150-124-SIG Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
More results

Similar Description - TIS150-124

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PS-15 NI-PS-15 Datasheet
831Kb / 4P
   Industrial Power Supplies
logo
Red Lion Controls. Inc
XX-PS-024 REDLION-XX-PS-024 Datasheet
1Mb / 3P
   Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300P RSG-HWS300P Datasheet
367Kb / 3P
   Peak Power Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com