Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TML40105 Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TML40105
Description  AC/DC Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TML40105 Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TML40105 Datasheet HTML 1Page - Touchstone Semiconductor Inc TML40105 Datasheet HTML 2Page - Touchstone Semiconductor Inc TML40105 Datasheet HTML 3Page - Touchstone Semiconductor Inc TML40105 Datasheet HTML 4Page - Touchstone Semiconductor Inc TML40105 Datasheet HTML 5Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
AC/DC Power Modules
TML Series
20 & 40 Watt
TML 40 models
for PCB mount:
TML 40C models
for chassis mount:
Weight : 280 g (9.9 oz)
Pin diameter ø 1.2 mm (0.047)
Weight : 325 g (11.5 oz)
Dimensions in[mm], () = Inches
Tolerances = 0.5mm (0.02)
Rev. February 14. 2014
Outline Dimensions
nc = not to connect
Pinout / Connection
Pin/
con.
Single
output
Dual sym.
output
Dual asym.
output
Triple
output
1
no pin / nc
2
AC in (L)
3
AC in (N)
4
+Vout 1
Vout 1
+Vout 2
Vout 2
5
no pin / nc no pin / nc
+Vout 1
+Vout 1
6
–Vout 1
com. 1/2
–Vout 2
com. 2/3
7
no pin / nc no pin / nc
–Vout 1
–Vout 1
8
nc
Vout 2
no pin / nc
Vout 3
Bottom view
3.85
81.3
89.0
(3.20)
(3.50)
(0.15)
3
2
8
7
5
4
6
25.0
6.0
(0.98)
(0.24)
6
6.0
100.0
112.0
(3.94)
(4.41)
(0.24)
4 x ø3.5
(4 x ø0.14)
1
2
3
5
4
8
7
Top view


Similar Part No. - TML40105

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TML-05105 TRACOPOWER-TML-05105 Datasheet
226Kb / 6P
   TML Series, 5to
Rev. March 23. 2016
TML-05112 TRACOPOWER-TML-05112 Datasheet
226Kb / 6P
   TML Series, 5to
Rev. March 23. 2016
TML-05115 TRACOPOWER-TML-05115 Datasheet
226Kb / 6P
   TML Series, 5to
Rev. March 23. 2016
TML-05124 TRACOPOWER-TML-05124 Datasheet
226Kb / 6P
   TML Series, 5to
Rev. March 23. 2016
TML-05205 TRACOPOWER-TML-05205 Datasheet
226Kb / 6P
   TML Series, 5to
Rev. March 23. 2016
More results

Similar Description - TML40105

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TEC4 TRUMPOWER-TEC4_15 Datasheet
1Mb / 4P
   AC/DC Power Modules
TEC4 TRUMPOWER-TEC4 Datasheet
1Mb / 4P
   AC/DC Power Modules
TEC8 TRUMPOWER-TEC8 Datasheet
99Kb / 2P
   8 Watts AC/DC Power Modules
TES3 TRUMPOWER-TES3 Datasheet
188Kb / 2P
   3 Watts AC/DC Power Modules
logo
Grayhill, Inc
70-IDC5G GRAYHILL-70-IDC5G Datasheet
118Kb / 2P
   AC/DC Input Modules
logo
Tumbler Technologies + ...
TEM40 TRUMPOWER-TEM40 Datasheet
96Kb / 2P
   40 Watts AC/DC Medical Power Modules
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
   15 Watts AC/DC Medical Power Modules
logo
Astrodyne Corporation
SMV-500 ASTRODYNE-SMV-500 Datasheet
1Mb / 13P
   500 Watt, High Efficiency, AC/DC Power Modules
logo
ETA-USA
EPX380SX ETA-USA-EPX380SX Datasheet
379Kb / 4P
   600 WATT AC-DC POWER FACTOR CORRECTION MODULES
logo
Keysight Technologies
N6736B KEYSIGHT-N6736B Datasheet
1Mb / 57P
   DC Power Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com