Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD25IA5MEFJ-LBH2 Datasheet(PDF) 8 Page - Rohm

Part # BD25IA5MEFJ-LBH2
Description  0.5A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD25IA5MEFJ-LBH2 Datasheet(HTML) 8 Page - Rohm

Back Button BD25IA5MEFJ-LBH2 Datasheet HTML 4Page - Rohm BD25IA5MEFJ-LBH2 Datasheet HTML 5Page - Rohm BD25IA5MEFJ-LBH2 Datasheet HTML 6Page - Rohm BD25IA5MEFJ-LBH2 Datasheet HTML 7Page - Rohm BD25IA5MEFJ-LBH2 Datasheet HTML 8Page - Rohm BD25IA5MEFJ-LBH2 Datasheet HTML 9Page - Rohm BD25IA5MEFJ-LBH2 Datasheet HTML 10Page - Rohm BD25IA5MEFJ-LBH2 Datasheet HTML 11Page - Rohm BD25IA5MEFJ-LBH2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8/21
BDxxIA5MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00580-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Figure 15.
Input sequence 2
Co=1µF,Ta=-40℃
VEN
2V/div
VCC
2V/div
VO
2V/div
400µsec/div
Figure 16.
Input sequence 2
Co=1µF,Ta=25℃
VEN
2V/div
VCC
2V/div
VO
2V/div
400µsec/div
Figure 17.
Input sequence 2
Co=1µF,Ta=105℃
VEN
2V/div
VCC
2V/div
VO
2V/div
400µsec/div
Figure 18.
OFF sequence 2
Co=1µF,Ta=-40℃
VEN
2V/div
VCC
2V/div
VO
2V/div
40msec/div


Similar Part No. - BD25IA5MEFJ-LBH2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD25IA5MEFJ-ME2 ROHM-BD25IA5MEFJ-ME2 Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD25IA5MEFJ-LBH2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-ME2 ROHM-BD00GA5MEFJ-ME2 Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BDXXHA5MEFJ-M ROHM-BDXXHA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com