Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A26F7502 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A26F7502
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A26F7502 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A26F7502 Datasheet HTML 1Page - List of Unclassifed Manufacturers A26F7502 Datasheet HTML 2Page - List of Unclassifed Manufacturers A26F7502 Datasheet HTML 3Page - List of Unclassifed Manufacturers A26F7502 Datasheet HTML 4Page - List of Unclassifed Manufacturers A26F7502 Datasheet HTML 5Page - List of Unclassifed Manufacturers A26F7502 Datasheet HTML 6Page - List of Unclassifed Manufacturers A26F7502 Datasheet HTML 7Page - List of Unclassifed Manufacturers A26F7502 Datasheet HTML 8Page - List of Unclassifed Manufacturers A26F7502 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
©
2000 GE Company
GE Capacitors for High-Current, Power
Semiconductor, and DC Applications
Capacitors for Power Electronics require special high-performance designs for the
varied applications. This catalog describes capacitors for a number of demanding
applications where high currents and/or high voltages are common. Given the special
nature of these applications, care must be taken to ensure that the capacitors are
correctly applied. Information is included to help with the more common application
conditions. An Application Data Sheet is also provided to enlist the help of GE’s
Application Engineers. Please use this sheet if you need assistance or want to verify
your own calculations.
Table of Contents
Page
Description
Application Data Sheet
2
Sheet for submitting data to GE for review
Descriptive Information
3
General Information on capacitor construc-
tion
SCR Commutation
4
High and very high-current applications,
Capacitors
such as SCR commutation, SCR and GTO
snubbers, and high-frequency AC circuits
Metallized Polyester
7
High microfarad per unit volume designs for
SCR Capacitors
up to 250 V peak. Used in high-frequency
chopper circuits
Snubber Capacitors
9
Medium current snubber capacitors for
Power
Semiconductor circuits
Application Data for SCR
11
Derating information for Current Pulsewidth
and Snubber Capacitors
and Temperature. Worked examples for
common conditions
General Purpose DC
13
DC Capacitors for voltages up to 2500 V
Capacitors
Mounting Hardware
15
Brackets for mounting capacitors
1


Similar Part No. - A26F7502

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A26 MACOM-A26 Datasheet
110Kb / 1P
   10 TO 1500 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A26 DBLECTRO-A26 Datasheet
283Kb / 1P
   SCSI - III D- SUB IDC(MALE)
logo
Tyco Electronics
A26 MACOM-A26 Datasheet
367Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A26 MA-COM-A26 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
A26 MA-COM-A26 Datasheet
205Kb / 2P
   Cascadable Amplifier
More results

Similar Description - A26F7502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Infineon Technologies A...
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
TITAN19244 INFINEON-TITAN19244 Datasheet
904Kb / 2P
   Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
logo
Toshiba Semiconductor
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
2SA1934 TOSHIBA-2SA1934 Datasheet
160Kb / 5P
   High-Current Switching Applications DC-DC Converter Applications
logo
Infineon Technologies A...
FOA4400 INFINEON-FOA4400 Datasheet
190Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com