Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A26F7506 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A26F7506
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A26F7506 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A26F7506 Datasheet HTML 1Page - List of Unclassifed Manufacturers A26F7506 Datasheet HTML 2Page - List of Unclassifed Manufacturers A26F7506 Datasheet HTML 3Page - List of Unclassifed Manufacturers A26F7506 Datasheet HTML 4Page - List of Unclassifed Manufacturers A26F7506 Datasheet HTML 5Page - List of Unclassifed Manufacturers A26F7506 Datasheet HTML 6Page - List of Unclassifed Manufacturers A26F7506 Datasheet HTML 7Page - List of Unclassifed Manufacturers A26F7506 Datasheet HTML 8Page - List of Unclassifed Manufacturers A26F7506 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
©
2000 GE Company
Film/Foil Electrode Construction
Film/Paper Foil Construction
GE’s Foil Electrode capacitors are manufactured
with sheets of high quality aluminum foil as the
electrodes. The dielectric consists of two sheets of
polypropylene film. The film is manufactured in GE’s
own Capacitor Materials Operation. It is specially
designed with a rough surface to allow full impregna-
tion by the dielectric fluid. The aluminum foil elec-
trodes extend, one on each end of the capacitor roll,
so that a solder connection can be made. Depending
on the typical current for the type of capacitor, the
internal connections from the roll ends to the termi-
nals are either braided cables or tin-plated copper
straps. This construction provides capacitors that are
inherently capable of handling high RMS and peak
currents.
GE’s Film/Paper/Foil capacitors are manufactured
with high grade film and foil, and capacitor grade kraft
paper. They are typically high voltage DC rated and
are treated with Geconol capacitor dielectric fluid.
These capacitors are exposed foil construction for
use in snubber and or DC filtering applications.
DIELECTRIC FLUIDS
All of GE’s dielectric fluids are chosen for
specific characteristics that match the other
components in the capacitor dielectric system and the
applications for which the capacitors are intended.
Each fluid is based on one or two major
constituents and blended with proprietary
additives for optimum performance.
Dielectrol VII
A Benzyl Toluene-based fluid, used for film/foil
high current products.
Polypropylene Film
Polypropylene Film
Polypropylene Film
Polypropylene Film
Foil
Foil
Polypropylene Film
Paper
Polypropylene Film
Paper
Foil
Foil
3


Similar Part No. - A26F7506

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A26 MACOM-A26 Datasheet
110Kb / 1P
   10 TO 1500 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A26 DBLECTRO-A26 Datasheet
283Kb / 1P
   SCSI - III D- SUB IDC(MALE)
logo
Tyco Electronics
A26 MACOM-A26 Datasheet
367Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A26 MA-COM-A26 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
A26 MA-COM-A26 Datasheet
205Kb / 2P
   Cascadable Amplifier
More results

Similar Description - A26F7506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Infineon Technologies A...
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
TITAN19244 INFINEON-TITAN19244 Datasheet
904Kb / 2P
   Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
logo
Toshiba Semiconductor
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
2SA1934 TOSHIBA-2SA1934 Datasheet
160Kb / 5P
   High-Current Switching Applications DC-DC Converter Applications
logo
Infineon Technologies A...
FOA4400 INFINEON-FOA4400 Datasheet
190Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com