Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH32C-331-T001 Datasheet(PDF) 8 Page - TDK Electronics

Part # ACH32C-331-T001
Description  3-terminal Filters For power line ACH series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH32C-331-T001 Datasheet(HTML) 8 Page - TDK Electronics

  ACH32C-331-T001 Datasheet HTML 1Page - TDK Electronics ACH32C-331-T001 Datasheet HTML 2Page - TDK Electronics ACH32C-331-T001 Datasheet HTML 3Page - TDK Electronics ACH32C-331-T001 Datasheet HTML 4Page - TDK Electronics ACH32C-331-T001 Datasheet HTML 5Page - TDK Electronics ACH32C-331-T001 Datasheet HTML 6Page - TDK Electronics ACH32C-331-T001 Datasheet HTML 7Page - TDK Electronics ACH32C-331-T001 Datasheet HTML 8Page - TDK Electronics ACH32C-331-T001 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(8/9)
001-01 / 20130722 / e9611_ach.fm
• All specifications are subject to change without notice.
EMC Components
ACH series 
ACH3218 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
INSERTION LOSS VS. FREQUENCY CHARACTERISTICS
Insertion loss 25dB
frequency range
(MHz)
Rated voltage
(V)max.
Rated current
(A)max.
DC resistance
(
:)max.
[Terminal No.1 to 3]
Insulation resistance
(M
:)min.
[Terminal No.1 to 2/No.2 to 3]
Part No.
11 to 55
20
1.5
0.06
1000
ACH3218-223-T
□□□
17 to 60
20
1.5
0.06
1000
ACH3218-103-T
□□□
22 to 75
20
1.5
0.06
1000
ACH3218-682-T
□□□
30 to 85
20
1.5
0.06
1000
ACH3218-472-T
□□□
37 to 90
20
1.5
0.06
1000
ACH3218-332-T
□□□
45 to 105
20
1.5
0.06
1000
ACH3218-222-T
□□□
60 to 115
20
1.5
0.06
1000
ACH3218-152-T
□□□
80 to 140
20
1.5
0.06
1000
ACH3218-102-T
□□□
95 to 150
20
1.5
0.06
1000
ACH3218-681-T
□□□
120 to 180
20
1.5
0.06
1000
ACH3218-471-T
□□□
130 to 210
20
1.5
0.06
1000
ACH3218-331-T
□□□
170 to 250
20
1.5
0.06
1000
ACH3218-221-T
□□□
205 to 280
20
1.5
0.06
1000
ACH3218-151-T
□□□
265 to 340
20
1.5
0.06
1000
ACH3218-101-T
□□□
340 to 420
20
1.5
0.06
1000
ACH3218-680-T
□□□
420 to 500
20
1.5
0.06
1000
ACH3218-470-T
□□□
500 to 600
20
1.5
0.06
1000
ACH3218-330-T
□□□
600 to 700
20
1.5
0.06
1000
ACH3218-220-T
□□□
50
40
30
20
10
0
1000
100
300
10
30
13
Frequency (MHz)
223
103
472 682
332
222
152
102
331
471
681
221151 101
680
470
330 220


Similar Part No. - ACH32C-331-T001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH32C-331-T001 TDK-ACH32C-331-T001 Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
ACH32C-331-T001 TDK-ACH32C-331-T001 Datasheet
117Kb / 7P
   3-teminal Filters
ACH32C-331-T001 TDK-ACH32C-331-T001 Datasheet
111Kb / 7P
   3-terminal Filters For power line
More results

Similar Description - ACH32C-331-T001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518 TDK-ACH4518 Datasheet
161Kb / 3P
   3-terminal filters For power line ACH series
20211217
ACH32C-100-T001 TDK-ACH32C-100-T001_16 Datasheet
111Kb / 7P
   3-terminal Filters For power line
YFF-P TDK-YFF-P Datasheet
1Mb / 10P
   3-terminal Filters For Power Line
ACH3218-101-TD01 TDK-ACH3218-101-TD01 Datasheet
105Kb / 7P
   3-terminal Filters For power line
ACH32C TDK-ACH32C Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
YFF31HC TDK-YFF31HC Datasheet
134Kb / 5P
   3-terminal filters For large-current power line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
YFF15PC TDK-YFF15PC Datasheet
331Kb / 11P
   3-terminal filters Feedthrough filter for power line
YFF31AH TDK-YFF31AH Datasheet
147Kb / 6P
   3-terminal filters For automotive large-current power line
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com