Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

302C920000194 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 302C920000194
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

302C920000194 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  302C920000194 Datasheet HTML 1Page - List of Unclassifed Manufacturers 302C920000194 Datasheet HTML 2Page - List of Unclassifed Manufacturers 302C920000194 Datasheet HTML 3Page - List of Unclassifed Manufacturers 302C920000194 Datasheet HTML 4Page - List of Unclassifed Manufacturers 302C920000194 Datasheet HTML 5Page - List of Unclassifed Manufacturers 302C920000194 Datasheet HTML 6Page - List of Unclassifed Manufacturers 302C920000194 Datasheet HTML 7Page - List of Unclassifed Manufacturers 302C920000194 Datasheet HTML 8Page - List of Unclassifed Manufacturers 302C920000194 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
©
2000 GE Company
Capacitor Application Data Sheet
To ensure correct selection of a capacitor for
your application, please provide the information
indicated below. This sheet may be duplicated
or additional copies may be obtained from GE.
Of particular importance are the voltage and
current waveforms complete with values of
voltage and current over a complete cycle.
Send this data to your local GE Sales
Office or directly to:
General Electric Company
Transmission Systems
381 Broadway
Fort Edward, NY 12828-1000, U.S.A.
Attn: Industrial Capacitor Sales
FAX: (518) 746-5524
PRIMARY INFORMATION (Essential)
Company Name______________________________Tel No. (Incl. Country & City codes) _______________________
Address________________________________________________________FAX No. __________________________
Person to contact:______________________________________________
1. Application: _______________________________________________________
2. Capacitance:________________________ Tolerance:____________________
3. Peak Voltage: _____________________RMS Voltage: ______________________Voltage Reversal(%)________
4. Peak Current: ________________________RMS Current: ______________________
5. Transient Voltage: ________________ Duration: ___________Freq. of Occurence: _______________________
6. Frequency or Repetition Rate (Hz): __________________Duty Cycle: __________________________________
7. Ambient Temperature: ________________Max.: _______________Min.: ______________
8. Capacitor Charge Time: ________________Discharge Time: _____________________
9. Required Operating Life (Hours): _____________________________________________________
10.Waveforms:
+
Voltage
0
Time
-
-
-
-
-
+
Current
0
Time
-
-
-
-
-
SECONDARY INFORMATION (Provide as Appropriate)
11. Physical Size Limitations: _________________________________________________________________
12. Mounting Requirements: __________________________________________________________________
13. Applicable Specifications: _________________________________________________________________
14. Type of Cooling Available: _________________________________________________________________
15. Unusual Atmospheric Conditions: ___________________________________________________________
16. Other Special Requirements: ________________________________________________________________
17. Potential Usage: ______________________________
2


Similar Part No. - 302C920000194

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
302C10019X CONEC-302C10019X Datasheet
51Kb / 1P
   D-SUB FEMALE 9-37pos. SOLDER CUP STAMPED CONTACTS
28.05.2001
302C10029X CONEC-302C10029X Datasheet
51Kb / 1P
   D-SUB FEMALE 9-37pos. SOLDER CUP STAMPED CONTACTS
28.05.2001
302C10059X CONEC-302C10059X Datasheet
51Kb / 1P
   D-SUB FEMALE 9-37pos. SOLDER CUP STAMPED CONTACTS
28.05.2001
302C10069X CONEC-302C10069X Datasheet
51Kb / 1P
   D-SUB FEMALE 9-37pos. SOLDER CUP STAMPED CONTACTS
28.05.2001
302C10079X CONEC-302C10079X Datasheet
53Kb / 1P
   D-SUB FEMALE 50pos. SOLDER CUP with stamped contacts
26.05.2003
More results

Similar Description - 302C920000194

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Infineon Technologies A...
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
TITAN19244 INFINEON-TITAN19244 Datasheet
904Kb / 2P
   Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
logo
Toshiba Semiconductor
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
2SA1934 TOSHIBA-2SA1934 Datasheet
160Kb / 5P
   High-Current Switching Applications DC-DC Converter Applications
logo
Infineon Technologies A...
FOA4400 INFINEON-FOA4400 Datasheet
190Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com