Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W314 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W314
Description  ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W314 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W314 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W314 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W314 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W314 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W314 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W314 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W314 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-W314 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-W314 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Figure 1. VOH vs. Temperature.
Figure 2. IOH vs. Temperature.
Figure 3. VOH vs. IOH.
Figure 4. VOL vs. Temperature.
Figure 5. IOL vs. Temperature.
Figure 6. VOL vs. IOL.
-50
-2.5
TA – TEMPERATURE – °C
125
-25
0
0
25
75
100
50
-2.0
-1.5
-1.0
-0.5
-50
0.30
TA – TEMPERATURE – °C
125
-25
0.40
0
25
75
100
50
0.32
0.34
0.36
0.38
0
-6
IOH – OUTPUT HIGH CURRENT – A
0.6
0
0.2
0.4
-5
-4
-3
-1
-2
VOH
-50
0.39
TA – TEMPERATURE – °C
125
-25
0.44
0
25
75
100
50
0.40
0.41
0.42
0.43
-50
0.440
TA – TEMPERATURE – °C
125
-25
0.470
0
25
75
100
50
0.450
0.455
0.460
0.465
0.445
0
0
IOL – OUTPUT LOW CURRENT – mA
700
100
25
400 500
5
20
200 300
600
15
10


Similar Part No. - ACPL-W314

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W314 AVAGO-ACPL-W314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACPL-W314

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-000E AVAGO-ACPL-072L-000E Datasheet
397Kb / 11P
   ACPL-772L and ACPL-072L 3.3V/5V High Speed CMOS Optocoupler
HCPL-J314 AVAGO-HCPL-J314 Datasheet
310Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P456-560E AVAGO-ACPL-P456-560E Datasheet
328Kb / 12P
   ACPL-P456 and ACPL-W456 Intelligent Power Module and Gate Drive Interface Optocouplers
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-333J AVAGO-ACPL-333J Datasheet
304Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com