Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACF321825-220 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACF321825-220
Description  ACF Series ACF321825, 451832 Types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACF321825-220 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACF321825-220 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACF321825-220 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACF321825-220 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACF321825-220 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• All specifications are subject to change without notice.
(2/3)
004-01 / 20050906 / e9613_acf.fm
EMC Components
ACF Series ACF321825, 451832 Types
3-Terminal Filters for Signal Line
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
MEASURING CIRCUIT
ACF451832 TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Part No.
Maximum attenuation
frequency
(MHz)
25dB attenuation
frequency range
(MHz)
Rated voltage Edc
(V)max.
Rated current
(mA)max.
DC resistance
(
)max.
[Terminal No.1 to 3]
Insulation resistance
(M
)min.
[Terminal No.1 to 2/No.2 to 3]
ACF451832-333
12
7 to 60
50
300
0.15
1000
ACF451832-223
15
9 to 65
50
300
0.15
1000
ACF451832-153
18
11 to 70
50
300
0.15
1000
ACF451832-103
23
15 to 75
50
300
0.15
1000
ACF451832-682
35
20 to 85
50
300
0.15
1000
ACF451832-472
40
25 to 90
50
300
0.15
1000
ACF451832-332
50
35 to 100
50
300
0.15
1000
ACF451832-222
60
40 to 110
50
300
0.15
1000
ACF451832-152
75
50 to 130
50
300
0.15
1000
ACF451832-102
90
65 to 150
50
300
0.15
1000
ACF451832-681
105
75 to 160
50
300
0.15
1000
ACF451832-471
125
95 to 180
50
300
0.15
1000
ACF451832-331
150
115 to 205
50
300
0.15
1000
ACF451832-221
190
150 to 250
50
300
0.15
1000
ACF451832-151
230
190 to 290
50
300
0.15
1000
ACF451832-101
280
235 to 335
50
300
0.15
1000
ACF451832-680
340
295 to 395
50
300
0.15
1000
ACF451832-470
410
360 to 460
50
300
0.15
1000
ACF451832-330
500
450 to 550
50
300
0.15
1000
ACF451832-220
600
550 to 650
50
300
0.15
1000
ACF Series
L.M.
S.G.
50
50
40
30
20
10
0
1000
100
300
10
30
13
223
103 682472 332
Frequency(MHz)
4.5
±0.4
Insulation
resin
Terminal
electrode
1
0.45
13
2
GND terminal
Ferrite
No polarity
3
1
2
GND
Dimensions in mm
• Dimension without tolerance
is reference value.
1.75
3.5
1.75
1
Resist
Land pattern
Dimensions in mm


Similar Part No. - ACF321825-220

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF321825-220 TDK-ACF321825-220 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
ACF321825-220 TDK-ACF321825-220 Datasheet
82Kb / 4P
   3-terminal Filters(SMD) For Signal Line
ACF321825-220-T TDK-ACF321825-220-T Datasheet
66Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
More results

Similar Description - ACF321825-220

ManufacturerPart #DatasheetDescription
logo
Jiaxing Heroic Technolo...
HT6872 HEROIC-HT6872 Datasheet
2Mb / 14P
   Anti-Clipping Function, ACF
logo
TDK Electronics
ACF3225 TDK-ACF3225 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
logo
Laird Tech Smart Techno...
SQ2403PG LSTD-SQ2403PG Datasheet
393Kb / 1P
   Connector types optional
logo
IXYS Corporation
IXDN0036 IXYS-IXDN0036 Datasheet
963Kb / 41P
   Several lamp types
logo
List of Unclassifed Man...
PT65101L254 ETC2-PT65101L254 Datasheet
126Kb / 3P
   4 actuator types
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
OPTEK Technologies
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
logo
NXP Semiconductors
ECG10 PHILIPS-ECG10 Datasheet
158Kb / 1P
   Bi-Polar Types
logo
GE Solid State
CA311 GESS-CA311 Datasheet
129Kb / 1P
   Single/Quad Types Comparators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com