Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5228BUJZ10-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5228BUJZ10-RL7
Description  32-Position Manual Up/Down Control Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ10-RL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5228BUJZ10-RL7 Datasheet HTML 1Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 2Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 3Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 4Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5228
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
−0.3 V, +7 V
VA, VB, VW to GND
0 V, VDD
PU, PD, PRE Voltage to GND
0 V, VDD
Maximum Current
IWB, IWA Pulsed
±20 mA
IWB Continuous (RWB ≤ 5 kΩ, A open)1
±1 mA
IWA Continuous (RWA ≤ 5 kΩ, B open)1
±1 mA
IAB Continuous
(RAB = 10 kΩ/50 kΩ/100 kΩ)1
±500 μA/±100 μA/
±50 μA
Operating Temperature Range
−40°C to +105°C
Maximum Junction Temperature
(TJmax)
150°C
Storage Temperature
−65°C to +150°C
Lead Temperature
(Soldering, 10 s – 30 s)
245°C
Thermal Resistance2 θJA
230°C/W
1 Maximum terminal current is bounded by the maximum applied voltage
across any two of the A, B, and W terminals at a given resistance, the
maximum current handling of the switches, and the maximum power
dissipation of the package. VDD = 5 V.
2 Package power dissipation = (TJmax – TA) / θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD5228BUJZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228BUJZ10-RL7 AD-AD5228BUJZ10-RL7 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
More results

Similar Description - AD5228BUJZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
logo
Analog Devices
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com