Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6651380-1 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 6651380-1
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6651380-1 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 6651380-1 Datasheet HTML 4Page - Tyco Electronics 6651380-1 Datasheet HTML 5Page - Tyco Electronics 6651380-1 Datasheet HTML 6Page - Tyco Electronics 6651380-1 Datasheet HTML 7Page - Tyco Electronics 6651380-1 Datasheet HTML 8Page - Tyco Electronics 6651380-1 Datasheet HTML 9Page - Tyco Electronics 6651380-1 Datasheet HTML 10Page - Tyco Electronics 6651380-1 Datasheet HTML 11Page - Tyco Electronics 6651380-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
17
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
MULTI-BEAM XL Current Pass-Thru
Power Distribution Connector System
The Cable Pass-Thru
MULTI-BEAM XL recepta-
cles securely terminate up
to a 10 AWG wire directly
into MULTI-BEAM XL PCB
mounted receptacles. The
design includes a “terminal
position assurance” (TPA)
feature that confirms the
manually inserted wires are
fully seated. The product
offers a unique way of
using the MULTI-BEAM XL
PCB receptacles as a sort
of “docking” connector.
A single docking connector
is far easier to mate to and
to design around in a blind-
mate application, than
multiple power and signal
connectors. By separating
some circuits to be cable
terminated and some to be
PCB terminated it allows
both high voltage (AC) and
low voltage (DC) power
to pass through the same
connector.
This separation of the AC
and DC power eliminates
the concerns of high volt-
age power running through
circuit boards better suited
to carry only low voltage
circuitry. Additional
applications may include
designs where the power
is better routed directly to
a different PCB, through
cables, yet passes through
a single docking connector
for ease in system design.
The Cable Pass-Thru
connector is offered in both
right-angle or vertical PCB-
mount orientations and is
supplied with either press-
fit or solder pc tails. The
connector is mate-able to
either PCB mounted or cable
mounted MULTI-BEAM XL
or MULTI-BEAM XLE plugs.
All MULTI-BEAM XL cable
connectors are supplied
pre-assembled by
Tyco Electronics.
Product Facts
Combines PCB and cable
mounted contacts
Ideal for separating AC input
from DC input
Eliminates FASTON tab
interface at the back of the
connector housing
Requires less space than
two housing designs
Terminates 12 AWG and
10 AWG wire
Mates with Tyco Electronics
vertical and right-angle
PCB plugs
High strength housing
materials
RoHS Compliant
Technical Documents
Product Specification
108-1973 and 108-2157
Application Specification
114-13038


Similar Part No. - 6651380-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
66513-RC MOLEX11-66513-RC Datasheet
34Kb / 2P
   6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
More results

Similar Description - 6651380-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com