Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9524BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9524BCPZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9524BCPZ Datasheet HTML 6Page - Analog Devices AD9524BCPZ Datasheet HTML 7Page - Analog Devices AD9524BCPZ Datasheet HTML 8Page - Analog Devices AD9524BCPZ Datasheet HTML 9Page - Analog Devices AD9524BCPZ Datasheet HTML 10Page - Analog Devices AD9524BCPZ Datasheet HTML 11Page - Analog Devices AD9524BCPZ Datasheet HTML 12Page - Analog Devices AD9524BCPZ Datasheet HTML 13Page - Analog Devices AD9524BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 10 of 56
LOGIC INPUT PINS—PD, SYNC, RESET, EEPROM_SEL, REF_SEL
Table 13.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE
Input High
2.0
V
Input Low
0.8
V
INPUT LOW CURRENT
±80
±250
µA
The minus sign indicates that, due to the
internal pull-up resistor, current is flowing
out of the AD9524
CAPACITANCE
3
pF
RESET TIMING
Pulse Width Low
50
ns
Inactive to Start of Register Programming
100
ns
SYNC TIMING
Pulse Width Low
1.5
ns
High speed clock is CLK input signal
STATUS OUTPUT PINS—STATUS1, STATUS0
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE
Output High
2.94
V
Output Low
0.4
V
SERIAL CONTROL PORT—SPI MODE
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CS (INPUT)
CS has an internal 40 kΩ pull-up resistor
Voltage
Input Logic 1
2.0
V
Input Logic 0
0.8
V
Current
Input Logic 1
30
µA
Input Logic 0
−110
µA
The minus sign indicates that, due to the
internal pull-up resistor, current is flowing out
of the AD9524
Input Capacitance
2
pF
SCLK (INPUT) IN SPI MODE
SCLK has an internal 40 kΩ pull-down resistor
in SPI mode but not in I2C mode
Voltage
Input Logic 1
2.0
V
Input Logic 0
0.8
V
Current
Input Logic 1
240
µA
Input Logic 0
1
µA
Input Capacitance
2
pF
SDIO (WHEN INPUT IS IN BIDIRECTIONAL MODE)
Voltage
Input Logic 1
2.0
V
Input Logic 0
0.8
V
Current
Input Logic 1
1
µA
Input Logic 0
1
µA
Input Capacitance
2
pF


Similar Part No. - AD9524BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9524BCPZ AD-AD9524BCPZ Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
AD9524BCPZ-REEL7 AD-AD9524BCPZ-REEL7 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results

Similar Description - AD9524BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9524 AD-AD9524 Datasheet
863Kb / 56P
   Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
AD9523BCPZ AD-AD9523BCPZ Datasheet
879Kb / 60P
   Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04906 TI1-LMK04906 Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com