Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1321G-TR Datasheet(PDF) 6 Page - Rohm

Part # BD1321G-TR
Description  Ground Sense Low Power General Purpose Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1321G-TR Datasheet(HTML) 6 Page - Rohm

Back Button BD1321G-TR Datasheet HTML 2Page - Rohm BD1321G-TR Datasheet HTML 3Page - Rohm BD1321G-TR Datasheet HTML 4Page - Rohm BD1321G-TR Datasheet HTML 5Page - Rohm BD1321G-TR Datasheet HTML 6Page - Rohm BD1321G-TR Datasheet HTML 7Page - Rohm BD1321G-TR Datasheet HTML 8Page - Rohm BD1321G-TR Datasheet HTML 9Page - Rohm BD1321G-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200460-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
6/19
24.Jan.2014 Rev.001
TSZ22111・15・001
BD1321G
Typical Performance Curves
○BD1321G
0
20
40
60
80
100
120
140
160
01
234
56
Supply Voltage [V]
0.0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
150
Ambient Temperature [°C]
0
1
2
3
4
5
6
23
45
6
Supply Voltage [V]
Figure 2.
Supply Current vs Supply Voltage
Figure 3.
Supply Current vs Ambient Temperature
Figure 1.
Power Dissipation vs Ambient Temperature
(Derating Curve)
85
(*)The data above is measurement value of typical sample, it is not guaranteed.
Figure 4.
Maximum Output Voltage (High) vs Supply Voltage
(RL=2kΩ)
-40℃
25℃
85℃
BD1321G
-40℃
25℃
85℃
0
20
40
60
80
100
120
140
160
-50
-25025
50
75
100
Am bient Tem perature [°C]
2.7V
5.5V
5.0V


Similar Part No. - BD1321G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1321G-TR ROHM-BD1321G-TR Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
More results

Similar Description - BD1321G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR321G-E ROHM-LMR321G-E Datasheet
705Kb / 41P
   Ground sense Low Power General Purpose Operational amplifiers
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com