Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACF451832-330 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACF451832-330
Description  ACF Series ACF321825, 451832 Types
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ACF451832-330 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACF451832-330 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACF451832-330 Datasheet HTML 2Page - List of Unclassifed Manufacturers ACF451832-330 Datasheet HTML 3Page - List of Unclassifed Manufacturers ACF451832-330 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• All specifications are subject to change without notice.
(1/3)
004-01 / 20050906 / e9613_acf.fm
EMC Components
ACF Series ACF321825, 451832 Types
3-Terminal Filters for Signal Line
SMD
FEATURES
• The ACF series are T-type EMC filters incorporating ferrite chip
beads and multilayer ceramic chip capacitors.
• The external structure consists entirely of ferrite, enabling these
parts to achieve superior attenuation characteristics despite
their extremely compact dimensions.
• Because they can be mounted on edge, the ACF series are
ideal for high-density circuit configurations.
• Available for reflow soldering.
• It is a product conforming to RoHS directive.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Capacitance
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
ACF321825 TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
ACF 321825 - 223
(1)
(2)
(3)
Operating/Storage
–25 to +85°C
Packaging style
Quantity
Taping
1000 pieces/reel
3.2±0.3
Insulation
resin
Terminal
electrode
0.6
0.45
13
2
No polarity
3
1
2
GND terminal
Ferrite
GND
Dimensions in mm
• Dimension without tolerance
is reference value.
Resist
Land pattern
Dimensions in mm
1.4
2.2
1.4
0.6
Part No.
Maximum attenuation
frequency
(MHz)
25dB attenuation
frequency range
(MHz)
Rated voltage Edc
(V)max.
Rated current
(mA)max.
DC resistance
(
)max.
[Terminal No.1 to 3]
Insulation resistance
(M
)min.
[Terminal No.1 to 2/No.2 to 3]
ACF321825-223
17
11 to 55
20
300
0.15
1000
ACF321825-103
27
17 to 60
20
300
0.15
1000
ACF321825-682
37
22 to 75
20
300
0.15
1000
ACF321825-472
45
30 to 85
20
300
0.15
1000
ACF321825-332
55
37 to 90
20
300
0.15
1000
ACF321825-222
65
45 to 105
20
300
0.15
1000
ACF321825-152
80
60 to 115
20
300
0.15
1000
ACF321825-102
100
80 to 140
20
300
0.15
1000
ACF321825-681
120
95 to 150
20
300
0.15
1000
ACF321825-471
145
120 to 180
20
300
0.15
1000
ACF321825-331
165
130 to 210
20
300
0.15
1000
ACF321825-221
200
170 to 250
20
300
0.15
1000
ACF321825-151
240
205 to 280
20
300
0.15
1000
ACF321825-101
300
265 to 340
20
300
0.15
1000
ACF321825-680
370
340 to 420
20
300
0.15
1000
ACF321825-470
450
420 to 500
20
300
0.15
1000
ACF321825-330
530
500 to 600
20
300
0.15
1000
ACF321825-220
650
600 to 700
20
300
0.15
1000
• Please contact our Sales office when your application are considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - ACF451832-330

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACF451832-330 TDK-ACF451832-330 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
ACF451832-330-T TDK-ACF451832-330-T Datasheet
66Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
More results

Similar Description - ACF451832-330

ManufacturerPart #DatasheetDescription
logo
Jiaxing Heroic Technolo...
HT6872 HEROIC-HT6872 Datasheet
2Mb / 14P
   Anti-Clipping Function, ACF
logo
TDK Electronics
ACF3225 TDK-ACF3225 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
logo
Laird Tech Smart Techno...
SQ2403PG LSTD-SQ2403PG Datasheet
393Kb / 1P
   Connector types optional
logo
IXYS Corporation
IXDN0036 IXYS-IXDN0036 Datasheet
963Kb / 41P
   Several lamp types
logo
List of Unclassifed Man...
PT65101L254 ETC2-PT65101L254 Datasheet
126Kb / 3P
   4 actuator types
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
OPTEK Technologies
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
logo
NXP Semiconductors
ECG10 PHILIPS-ECG10 Datasheet
158Kb / 1P
   Bi-Polar Types
logo
GE Solid State
CA311 GESS-CA311 Datasheet
129Kb / 1P
   Single/Quad Types Comparators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com