Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2066FJ-LBE2 Datasheet(PDF) 8 Page - Rohm

Part # BD2066FJ-LBE2
Description  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2066FJ-LBE2 Datasheet(HTML) 8 Page - Rohm

Back Button BD2066FJ-LBE2 Datasheet HTML 4Page - Rohm BD2066FJ-LBE2 Datasheet HTML 5Page - Rohm BD2066FJ-LBE2 Datasheet HTML 6Page - Rohm BD2066FJ-LBE2 Datasheet HTML 7Page - Rohm BD2066FJ-LBE2 Datasheet HTML 8Page - Rohm BD2066FJ-LBE2 Datasheet HTML 9Page - Rohm BD2066FJ-LBE2 Datasheet HTML 10Page - Rohm BD2066FJ-LBE2 Datasheet HTML 11Page - Rohm BD2066FJ-LBE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8/22
BD2062FJ-LB BD2066FJ-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300360-1-2
21.Feb.2014 Rev.002
Typical Performance Curves - continued
Figure 12. On-resistance
0
20
40
60
80
100
120
23
45
6
SUPPLY VOLTAGE: VIN (V)
TA=25℃
Figure 13. On-resistance
0
20
40
60
80
100
120
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
VIN=5V
Figure 14. Current limit threshold
1.5
2
2.5
3
234
56
SUPPLY VOLTAGE: VIN (V)
TA=25℃
1.5
2
2.5
3
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
VIN=5V
Figure 15. Current limit threshold


Similar Part No. - BD2066FJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2066FJ-E2 ROHM-BD2066FJ-E2 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
More results

Similar Description - BD2066FJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com