Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2206G-LBTR Datasheet(PDF) 7 Page - Rohm

Part # BD2206G-LBTR
Description  Load Switch ICs for Portable Equipment
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2206G-LBTR Datasheet(HTML) 7 Page - Rohm

Back Button BD2206G-LBTR Datasheet HTML 3Page - Rohm BD2206G-LBTR Datasheet HTML 4Page - Rohm BD2206G-LBTR Datasheet HTML 5Page - Rohm BD2206G-LBTR Datasheet HTML 6Page - Rohm BD2206G-LBTR Datasheet HTML 7Page - Rohm BD2206G-LBTR Datasheet HTML 8Page - Rohm BD2206G-LBTR Datasheet HTML 9Page - Rohm BD2206G-LBTR Datasheet HTML 10Page - Rohm BD2206G-LBTR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/22
BD2202G-LB
BD2206G-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300370-1-2
21.Feb.2014 Rev.002
Typical Performance Curves - continued
0.0
0.5
1.0
1.5
2.0
22.5
33.5
4
SUPPLY VOLTAGE : VIN[V]
Low to High
High to Low
Ta=25°C
Figure 8. EN input voltage
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=3.3 V
High to Low
Low to High
Figure 9. EN input voltage
Figure 11. ON resistance
0
50
100
150
200
250
-50
0
50
100
AMBIENT TEMPERATURE : Ta [℃]
VIN=3.3V
Figure 10. ON resistance
0
50
100
150
200
250
22.5
33.5
4
SUPPLY VOLTAGE : VDD[V]
Ta=25°C


Similar Part No. - BD2206G-LBTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2206G-TR ROHM-BD2206G-TR Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
More results

Similar Description - BD2206G-LBTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com