Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD450M2WFP3-CE2 Datasheet(PDF) 6 Page - Rohm

Part # BD450M2WFP3-CE2
Description  200-mA 3.3-V or 5.0-V Output LDO Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD450M2WFP3-CE2 Datasheet(HTML) 6 Page - Rohm

Back Button BD450M2WFP3-CE2 Datasheet HTML 2Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 3Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 4Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 5Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 6Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 7Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 8Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 9Page - Rohm BD450M2WFP3-CE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Datasheet
Datasheet
6/34
TSZ02201-0T2T0AN00040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
29.Oct.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD4xxM2-C
Series
●Description of Blocks
Block Name
Function
Description of Blocks
CTL
*1
Control Output Voltage ON/OFF
A logical “HIGH” (
≥ 2.8 V ) at the CTL pin enables the device
and “LOW” (
≤ 0.8 V ) at the CTL pin not enable the device.
PREREG
Internal Power Supply
Power Supply for Internal Circuit
TSD
Thermal Shutdown Protection
To protect the device from overheating.
If the chip temperature ( Tj ) reaches ca. 175 °C ( Typ. ),
the output is turned off.
VREF
Reference Voltage
Generate the Reference Voltage
DRIVER
Output MOS FET Driver
Drive the Output MOS FET
OCP
Over Current Protection
To protect the device from damage caused by over current.
If the output current reaches ca. 550 mA ( Typ.),
the output is turned off.
*1 Applicable for product with Enable Input.


Similar Part No. - BD450M2WFP3-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD450M2WFP3-CE2 ROHM-BD450M2WFP3-CE2 Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
More results

Similar Description - BD450M2WFP3-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4XXM2-C ROHM-BD4XXM2-C Datasheet
1Mb / 37P
   200-mA 3.3-V or 5.0-V Output LDO Regulators
30.July.2021 Rev.005
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
BD4XXS2-C ROHM-BD4XXS2-C Datasheet
1Mb / 39P
   For Automotive 45 V Input 200 mA Fixed Output LDO Regulators
09.Sep.2022 Rev.001
logo
ON Semiconductor
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com