Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C5711PI-45TE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT93C5711PI-45TE13
Description  Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C5711PI-45TE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT93C5711PI-45TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C5711PI-45TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C5711PI-45TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C5711PI-45TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C5711PI-45TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C5711PI-45TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C5711PI-45TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C5711PI-45TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C5711PI-45TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
9-94
Advanced Information
CAT93CXXXX
Stock No. 21084-01 2/98
Ordering Information
Figure 8. WRAL Instruction Timing
STATUS VERIFY
SK
CS
DI
DO
STANDBY
HIGH-Z
10
1
BUSY
READY
tSV
tHZ
tEW
tCS
DN
D0
0
0
Package
P = PDIP
S = SOIC (JEDEC)
J = SOIC (JEDEC)
K = SOIC (EIAJ)
U = TSSOP
Prefix
Device #
Suffix
93C46
S
I
TE13
Product
Number
93C46: 1K
93C56: 2K
93C57: 2K
93C66: 4K
93C86: 16K
Tape & Reel
TE13: 2000/Reel
-25
CAT
Temperature Range
Blank = Commercial (0˚ - 70˚C)
I = Industrial (-40˚ - 85˚C)
A = Automotive (-40˚ - 105˚C)*
* -40˚ to +125˚C is available upon request
ResetThreshold
Voltage
45: 4.5-4.75V
42: 4.25-4.5V
30: 3.0-3.15V
28: 2.85-3.0V
25: 2.55-2.7V
Optional
Company ID
Product
Variation
11 RESET on Pin 7, No WDT
12 RESET on Pin 7, No WDT
13 RESET on Pin 7, WDT on CS
14 RESET on Pin 7, WDT on CS
21 x16 Mode, RESET on Pin 7
22 x16 Mode, RESET on Pin 7
23 x8 Mode, RESET on Pin 7
24 x8 Mode, RESET on Pin 7
31 x16 Mode, No WDT
32 x8 Mode, No WDT
33 x16 Mode, WDT on CS
34 x8 Mode, WDT on CS
11
Note:
(1) The device used in the above example is a 93C4611SI-25TE13 (1K EEPROM, Reset on pin 7 & No WDT, SOIC, Industrial Temperature,
2.55V to 2.7 V Reset threshold voltage, Tape & Reel).


Similar Part No. - CAT93C5711PI-45TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C57 CATALYST-CAT93C57 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C57 CATALYST-CAT93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
CAT93C57 CATALYST-CAT93C57 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
CAT93C57 CATALYST-CAT93C57 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C57 ONSEMI-CAT93C57 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results

Similar Description - CAT93C5711PI-45TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com