Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2139ACBZ-1.5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2139ACBZ-1.5-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-1.5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2139ACBZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP2138/ADP2139
Data Sheet
Rev. C | Page 8 of 20
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
350
300
250
200
150
100
50
0
–40°C
+25°C
+125°C
Figure 15. RDSON PFET vs. Input Voltage, Across Temperature
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
250
200
150
100
50
0
–40°C
+25°C
+125°C
Figure 16. RDSON NFET vs. Input Voltage, Across Temperature
T
4
4
1
1
2
M 40.0µs A CH2
215mA
T 26.00%
CH1 100mV
CH4 5.00V
CH2
250mA Ω
SW
VOUT
IOUT
Figure 17. Response to Load Transient, 150 mA to 500 mA,
VOUT = 1.8 V, PWM Mode
T
4
4
1
1
2
M 40.0µs A CH2
215mA
T 26.00%
CH1 100mV
CH4 5.00V
CH2
250mA Ω
SW
VOUT
IOUT
Figure 18. Response to Load Transient, 50 mA to 500 mA,
VOUT = 1.8 V, Automatic Mode
T
4
4
1
1
2
M 40.0µs A CH2
215mA
T 26.00%
CH1 100mV
CH4 5.00V
CH2
250mA Ω
SW
VOUT
IOUT
Figure 19. Response to Load Transient, 150 mA to 500 mA,
VOUT = 0.8 V, PWM Mode
CH1 100mV
CH4 5.00V
CH2 100mA Ω
M 40.0µs A CH2
134mA
1
4
T 26.00%
T
1
4
2
SW
VOUT
IOUT
Figure 20. Response to Load Transient, 50 mA to 200 mA, VOUT = 0.8 V,
Automatic Mode


Similar Part No. - ADP2139ACBZ-1.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2139 AD-ADP2139 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results

Similar Description - ADP2139ACBZ-1.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Texas Instruments
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
logo
Texas Instruments
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com