Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2139ACBZ-2.5-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2139ACBZ-2.5-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-2.5-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2139ACBZ-2.5-R7 Datasheet HTML 1Page - Analog Devices ADP2139ACBZ-2.5-R7 Datasheet HTML 2Page - Analog Devices ADP2139ACBZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP2139ACBZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP2139ACBZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP2139ACBZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP2139ACBZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP2139ACBZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP2139ACBZ-2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADP2138/ADP2139
Rev. C | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN
EN
SW
GND VOUT
1
2
3
4
5
6
MODE
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
Figure 2. Pin Configuration (Top View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
Power Source Input. VIN is the source of the PFET high-side switch. Bypass VIN to GND with a 4.7 μF or greater
capacitor as close to the ADP2138/ADP2139 as possible.
2
SW
Switch Node Output. SW is the drain of the P-channel MOSFET switch and N-channel synchronous rectifier.
Connect the output LC filter between SW and the output voltage.
3
GND
Ground. Connect the input and output capacitors to GND.
4
EN
Buck Activation. To turn on the buck, set EN to high. To turn off the buck, set EN to low.
5
MODE
Mode Input. Drive the MODE pin high for the operating mode to force continuous PWM switching. Drive the MODE
pin low to allow automatic PWM/PSM operating mode.
6
VOUT
Output Voltage Sensing Input.


Similar Part No. - ADP2139ACBZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2139 AD-ADP2139 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results

Similar Description - ADP2139ACBZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Texas Instruments
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
logo
Texas Instruments
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com