Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4PJHM3-86A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # AS4PJHM3-86A
Description  High Current Density Standard Avalanche Surface Mount Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS4PJHM3-86A Datasheet(HTML) 1 Page - Vishay Siliconix

  AS4PJHM3-86A Datasheet HTML 1Page - Vishay Siliconix AS4PJHM3-86A Datasheet HTML 2Page - Vishay Siliconix AS4PJHM3-86A Datasheet HTML 3Page - Vishay Siliconix AS4PJHM3-86A Datasheet HTML 4Page - Vishay Siliconix AS4PJHM3-86A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AS4PD, AS4PG, AS4PJ, AS4PK, AS4PM
www.vishay.com
Vishay General Semiconductor
Revision: 14-Aug-13
1
Document Number: 88770
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Standard Avalanche
Surface Mount Rectifiers
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes for consumer,
automotive and telecommunication.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Glass passivated chip junction
• Controlled avalanche characteristics
• Low leakage current
• High forward surge capability
• AEC-Q101 qualified
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Notes
(1) Mounted on 20 mm x 20 mm pad areas, 1 oz. FR4 PCB
(2) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
4.0 A
VRRM
200 V, 400 V, 600 V, 800 V,
1000 V
IFSM
100 A
EAS
20 mJ
VF at IF = 4 A
0.92 V
TJ max.
175 °C
Package
TO-277A (SMPC)
Diode variations
Single die
K
2
1
eSMP
® Series
TO-277A (SMPC)
Anode 1
Anode 2
Cathode
K
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AS4PD
AS4PG
AS4PJ
AS4PK
AS4PM
UNIT
Device marking code
AS4D
AS4G
AS4J
AS4K
AS4M
Max. repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Max. DC forward current (fig. 1)
IF (1)
4.0
A
IF (2)
2.4
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
100
A
Non-repetitive avalanche energy
at TJ = 25 °C
IAS = 2.5 A max.
EAS
20
mJ
IAS = 1.0 A typical
30
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - AS4PJHM3-86A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AS4PJHM3/86A VISHAY-AS4PJHM3/86A Datasheet
93Kb / 5P
   High Current Density Standard Avalanche Surface Mount Rectifiers
Revision: 13-Jul-11
AS4PJHM3/87A VISHAY-AS4PJHM3/87A Datasheet
93Kb / 5P
   High Current Density Standard Avalanche Surface Mount Rectifiers
Revision: 13-Jul-11
More results

Similar Description - AS4PJHM3-86A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AS3PD VISHAY-AS3PD_V01 Datasheet
109Kb / 5P
   High Current Density Standard Avalanche Surface-Mount Rectifiers
01-Jan-2022
AS4PD VISHAY-AS4PD Datasheet
93Kb / 5P
   High Current Density Standard Avalanche Surface Mount Rectifiers
Revision: 13-Jul-11
AS3PD VISHAY-AS3PD Datasheet
92Kb / 5P
   High Current Density Standard Avalanche Surface Mount Rectifiers
Revision: 13-Jul-11
AS4PD VISHAY-AS4PD_V01 Datasheet
107Kb / 5P
   High Current Density Standard Avalanche Surface-Mount Rectifiers
01-Jan-2022
AS3PD VISHAY-AS3PD_12 Datasheet
93Kb / 5P
   High Current Density Standard Avalanche
Revision: 13-Jul-11
AS1PD VISHAY-AS1PD_13 Datasheet
105Kb / 4P
   Standard Avalanche Surface Mount Rectifiers
Revision: 14-Aug-13
AS1FD VISHAY-AS1FD Datasheet
114Kb / 5P
   Standard Avalanche Surface-Mount Rectifiers
Revision: 30-Sep-2020
AS1PD VISHAY-AS1PD Datasheet
88Kb / 5P
   Standard Avalanche Surface Mount Rectifiers
Revision: 19-Apr-11
AS3BD VISHAY-AS3BD_V01 Datasheet
100Kb / 4P
   Standard Avalanche Surface-Mount Rectifiers
01-Jan-2022
AS1PD VISHAY-AS1PD_V01 Datasheet
98Kb / 4P
   Standard Avalanche Surface Mount Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com