Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F040A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49F040A
Description  4-megabit (512K x 8) 5-volt Only Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F040A Datasheet HTML 1Page - ATMEL Corporation AT49F040A Datasheet HTML 2Page - ATMEL Corporation AT49F040A Datasheet HTML 3Page - ATMEL Corporation AT49F040A Datasheet HTML 4Page - ATMEL Corporation AT49F040A Datasheet HTML 5Page - ATMEL Corporation AT49F040A Datasheet HTML 6Page - ATMEL Corporation AT49F040A Datasheet HTML 7Page - ATMEL Corporation AT49F040A Datasheet HTML 8Page - ATMEL Corporation AT49F040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
Single-voltage Operation
– 5V Read
– 5V Reprogramming
Fast Read Access Time – 55 ns
Internal Program Control and Timer
Sector Architecture
– One 16K Bytes Boot Block with Programming Lockout
– Two 8K Bytes Parameter Blocks
– Eight Main Memory Blocks (One 32K Bytes, Seven 64K Bytes)
Fast Erase Cycle Time – 6 Seconds
Byte-by-Byte Programming – 20 µs/Byte Typical
Hardware Data Protection
DATA Polling for End of Program Detection
Low Power Dissipation
– 20 mA Active Current
– 70 µA CMOS Standby Current
Typical 10,000 Write Cycles
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT49F040A is a 5-volt only in-system reprogrammable Flash memory. Its
4 megabits of memory is organized as 524,288 words by 8 bits. Manufactured with
Atmel’s advanced nonvolatile CMOS technology, the device offers access times to
55 ns with power dissipation of just 110 mW over the commercial temperature range.
When the device is deselected, the CMOS standby current is less than 70 µA. To
allow for simple in-system reprogrammability, the AT49F040A does not require high
input voltages for programming. Five-volt-only commands determine the read and
programming operation of the device. Reading data out of the device is similar to
reading from an EPROM; it has standard CE, OE, and WE inputs to avoid bus conten-
tion. Reprogramming the AT49F040A is performed by erasing a block of data and
then programming on a byte-by-byte basis. The byte programming time is a fast 20
µs. The end of a program cycle can be optionally detected by the DATA polling fea-
ture. Once the end of a byte program cycle has been detected, a new access for a
read or program can begin. The typical number of program and erase cycles is in
excess of 10,000 cycles.
The device is erased by executing the erase command sequence; the device inter-
nally controls the erase operations. There are two 8K byte parameter block sections,
eight main memory blocks, and one boot block.
The device has the capability to protect the data in the boot block; this feature is
enabled by a command sequence. The 16K-byte boot block section includes a repro-
gramming lock out feature to provide data integrity. The boot sector is designed to
contain user secure code, and when the feature is enabled, the boot sector is perma-
nently protected from being reprogrammed.
4-megabit
(512K x 8)
5-volt Only
Flash Memory
AT49F040A
3359C–FLASH–3/05


Similar Part No. - AT49F040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-55JI ATMEL-AT49F040A-55JI Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-55TI ATMEL-AT49F040A-55TI Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JI ATMEL-AT49F040A-70JI Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70TI ATMEL-AT49F040A-70TI Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
More results

Similar Description - AT49F040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT29C040A-90PI ATMEL-AT29C040A-90PI Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-90PC ATMEL-AT29C040A-90PC Datasheet
258Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A ATMEL-AT29C040A_08 Datasheet
409Kb / 17P
   4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com