Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5223995-2 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 5223995-2
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5223995-2 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 5223995-2 Datasheet HTML 7Page - Tyco Electronics 5223995-2 Datasheet HTML 8Page - Tyco Electronics 5223995-2 Datasheet HTML 9Page - Tyco Electronics 5223995-2 Datasheet HTML 10Page - Tyco Electronics 5223995-2 Datasheet HTML 11Page - Tyco Electronics 5223995-2 Datasheet HTML 12Page - Tyco Electronics 5223995-2 Datasheet HTML 13Page - Tyco Electronics 5223995-2 Datasheet HTML 14Page - Tyco Electronics 5223995-2 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
20
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
MULTI-BEAM XL Power Distribution Connector System
Cable Receptacle Assemblies (Continued)
Floating XYZ Panel-Mount
Receptacle
• 0.060" [1.52] Nominal Float in X, Y
and Z direction
• For modular installation of large
power distribution systems
• Single connector replaces multiple
power and signal connectors
Cable-to-Board Receptacle
• Easy to mate/disconnect with
squeeze-to-release latches
• Mates to right-angle or vertical
MULTI-BEAM XL STR plugs
• Replaces two traditional connectors
(1 signal and 1 power) with just
1 connector
Slide-to-Lock Receptacle
• 0.030" [0.76] nominal float in X and
Y direction
• Ideal for modular installation of
smaller systems requiring less space
and less float — such as fan trays
• Replaces connectors which use
multiple low power contacts to carry
the total current
• Power only or Power Plus signal
mixed
XYZ Series
Floating XYZ Panel-Mount Cable Receptacle
(2P + 24S + 2P)
STL Series
Configurations/Applications
Power
Circuitry
Signal
Circuitry
Guide Post
(2 Places)
Mounting Hole
(2 Places)
Panel Alignment
Key
Secondary Lock
(1 Per Power Contact)
Housing
Wires
Secondary Locks on
Signal Contacts
Slide-to-Lock Cable Receptacle
(3 ACP)
Panel Alignment
Key (2 Places)
Power
Circuitry
Guide Post
(2 Places)
Housing
Secondary Lock
(1 Per Power Contact)
Panel
Stop
Wires
Locking
Tab
Spring
Latch
STR Series
Squeeze-to-Release Cable Receptacle
(2P + 24S +2P)
Power
Circuitry
Mating Alignment
Key (2 Places)
Housing
Secondary Lock
(1 Per Power Contact)
Wires
Signal
Circuitry
Squeeze Latch
(2 Places)
Secondary Locks on
Signal Contacts


Similar Part No. - 5223995-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
More results

Similar Description - 5223995-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com