Electronic Components Datasheet Search |
|
120953-4 Datasheet(PDF) 10 Page - Tyco Electronics |
|
120953-4 Datasheet(HTML) 10 Page - Tyco Electronics |
10 / 52 page 19 Catalog 1773096 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 2-10 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-(0)8002-67666 Power Connectors & Interconnection Systems MULTI-BEAM XL Power Distribution Connector System Cable Receptacle Assemblies MULTI-BEAM XL Cable Assemblies allow designers freedom to connect power supplies and power distribution subassemblies in a wide variety of applications. Expanding beyond board-to-board applications the cable assemblies are available for both cable-to-board or panel-mount applications and can terminate 8-16 AWG and 22-26 AWG wires all in one connector, without using adapter circuit boards. In addition, the power contacts are designed to be able to accept two-wire terminations which can further reduce harness complexity by reducing or eliminating mid-wire splices. The use of high temperature glass filled housing materials, redundant contact retention and high conductivity contact materials allows the use of this connector in very high current density applications. The features work together to result in a highly durable and compact power connector, which offers industry leading minimum millivolt drop through the connection. The connector was designed to pass the UL 1977 and IEC 60950 finger probe test which makes the connector touch-safe. The insulation crimp adds further safety by keeping the insulation from being pulled away from the termination point. These features eliminate the need for a secondary cable clamp which often can be size prohibitive. The cable connectors are designed to mate to the de-facto standard Tyco Electronics MULTI-BEAM XL right-angle or vertical PCB plugs. The combination of PCB and cable connections, both with mixed power and signal arrangements provides a universal power distribution connector systems. The cable assemblies are all RoHS compliant, designed to specific customer requirements and manufactured in Tyco Electronics’ cable assembly manufacturing facilities. Cable Receptacle Assemblies Product Facts ■ Single one-piece housing design ■ Terminal Position Assurance (TPA) Secondary Locks on contacts help prevent contact back-out ■ Pre-assembled made-to- order cable assemblies ■ Installation to panel provides float in X, Y and Z directions ■ Insulation crimp on all contacts ■ 30 microinch (.76 micro- meters) gold plated contacts for high reliability ■ Touch-safe design passes UL1977 and IEC 60950 finger probe test ■ AC and DC power in the same connector — meets UL & IEC safety requirements ■ All MULTI-BEAM XL products in this section are RoHS compliant Technical Documents Product Specification 108-2157 Application Specification 114-13112 For More Information Internet http://tycoelectronics.com Check out product information at: http://mbxl.tycoelectronics.com Technical Support Center 1-800-522-6752 |
Similar Part No. - 120953-4 |
|
Similar Description - 120953-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |