Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120943-4 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 120943-4
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

120943-4 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 120943-4 Datasheet HTML 2Page - Tyco Electronics 120943-4 Datasheet HTML 3Page - Tyco Electronics 120943-4 Datasheet HTML 4Page - Tyco Electronics 120943-4 Datasheet HTML 5Page - Tyco Electronics 120943-4 Datasheet HTML 6Page - Tyco Electronics 120943-4 Datasheet HTML 7Page - Tyco Electronics 120943-4 Datasheet HTML 8Page - Tyco Electronics 120943-4 Datasheet HTML 9Page - Tyco Electronics 120943-4 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
15
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
“NEW” MULTI-BEAM XLE Connectors
Power Connectors & Interconnection Systems
Product Facts
Two NEW hot-pluggable
power contacts to choose
from:
50 Amp high power
contact
20 Amp low power
contact
Over 35% lower mating
force than original
MULTI-BEAM XL connectors
Over 40% more current in
the same over all PCB space
Low-wear contact design
passes Telcordia
environmental exposure
requirements
New design allows more
angular mis-alignment
Tyco Electronics’ new
MULTI-BEAM XLE connec-
tors are the latest addition
to the MULTI-BEAM XL
power connector product
family. MULTI-BEAM XLE
connectors feature a new
3-beam contact, made from
a thicker/higher conductiv-
ity material than the original
single beam or 4-beam
designs.
The new 3-beam design
allows for a greater angular
mis-alignment between mat-
ing connectors and offers
a lower mating force. In
addition, MULTIBEAM XLE
connectors offer a slimmer
housing design that
reduces the overall PCB
footprint and has the
option of using a low power
contact — the industry
proven Universal Power
Module (UPM) contact.
The new contacts and
housing design allows
more power in the same
footprint — over 35% more
current in the same space.
MULTI-BEAM XLE connec-
tors are as modular as the
original MULTI-BEAM XL
connectors in that they can
be designed to fit specific
customer needs.
Applications
Modular Hot-Swappable
Power Supplies
1U / 2U Servers
High-end Computer &
Telecommunications
Equipment
Power Distribution Circuit
Boards
Power Distribution Cable
Assemblies
NEW


Similar Part No. - 120943-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
120943-4 MACOM-120943-4 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results

Similar Description - 120943-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com