Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ128GA010-IPF Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24FJ128GA010-IPF
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA010-IPF Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ128GA010-IPF Datasheet HTML 1Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 2Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 3Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA010-IPF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 258 page
background image
 2005-2012 Microchip Technology Inc.
DS39747F-page 3
PIC24FJ128GA010 FAMILY
Pin Diagrams (Continued)
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
60
59
56
PIC24FJXXGA008
17
18
19
1
58
57
55
54
53
52
51
SOSCI/CN1/RC13
OC1/RD0
IC3/PMCS2/RD10
IC2/RD9
IC1/RTCC/RD8
IC4/PMCS1/RD11
SDA2/INT4/RA15
SCL2/INT3/RA14
OSC2/CLKO/RC15
OSC1/CLKI/RC12
VDD
SCL1/RG2
SCK1/INT0/RF6
SDI1/RF7
SDO1/RF8
SDA1/RG3
U1RX/RF2
U1TX/RF3
SOSCO/T1CK/CN0/RC14
PMD5/RE5
PMD6/RE6
PMD7/RE7
T2CK/RC1
T4CK/RC3
PMA5/SCK2/CN8/RG6
VDD
TMS/INT1/RE8
TDO/INT2/RE9
C1IN+/AN5/CN7/RB5
C1IN-/AN4/CN6/RB4
C2IN+/AN3/CN5/RB3
C2IN-/AN2/SS1/CN4/RB2
PMA4/SDI2/CN9/RG7
PMA3/SDO2/CN10/RG8
PGC1/EMUC1/AN1/CN3/RB1
PGD1/EMUD1/AN0/CN2/RB0
PMA2/SS2/CN11/RG9
MCLR
VSS
VSS
50
49
46
48
47
45
44
43
42
41
80-Pin TQFP
PIC24FJXXXGA008
Legend: Shaded pins indicate pins that are tolerant to up to +5.5 VDC.


Similar Part No. - PIC24FJ128GA010-IPF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA010-ICE MICROCHIP-PIC24FJ128GA010-ICE Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ128GA010-IPF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010_12 Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ64GA108-I MICROCHIP-PIC24FJ64GA108-I Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
08/04/10
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010_09 Datasheet
3Mb / 240P
   64/80/100-Pin General Purpose, 16-Bit Flash Microcontrollers
2009
PIC24FJ64GA006-I MICROCHIP-PIC24FJ64GA006-I Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ128GA006-IPT MICROCHIP-PIC24FJ128GA006-IPT Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
5Mb / 22P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
11/29/12
PIC24FJ192GA106-I MICROCHIP-PIC24FJ192GA106-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ256GA110-I MICROCHIP-PIC24FJ256GA110-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com