Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR5A164D Datasheet(PDF) 8 Page - Sanken electric

Part # STR5A164D
Description  Off-Line PWM Controllers with Integrated Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR5A164D Datasheet(HTML) 8 Page - Sanken electric

Back Button STR5A164D Datasheet HTML 4Page - Sanken electric STR5A164D Datasheet HTML 5Page - Sanken electric STR5A164D Datasheet HTML 6Page - Sanken electric STR5A164D Datasheet HTML 7Page - Sanken electric STR5A164D Datasheet HTML 8Page - Sanken electric STR5A164D Datasheet HTML 9Page - Sanken electric STR5A164D Datasheet HTML 10Page - Sanken electric STR5A164D Datasheet HTML 11Page - Sanken electric STR5A164D Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
STR5A100D Series
STR5A100D-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
8
Dec. 25, 2013
10.Operational Description
 All of the parameter values used in these descriptions
are typical values, unless they are specified as
minimum or maximum.
 With regard to current direction, "+" indicates sink
current (toward the IC) and "–" indicates source
current (from the IC).
10.1 Startup Operation
Figure 10-1 shows the VCC pin peripheral circuit.
The IC incorporates the startup circuit. The circuit is
connected to D/ST pin. When D/ST pin voltage reaches
to Startup Circuit Operation Voltage VSTARTUP = 29 V,
the startup circuit starts operation.
During the startup process, the constant current,
ISTARTUP = − 2.1 mA, charges C4 at VCC pin. When
VCC pin voltage increases to VCC(ON) = 15.0 V, the
control
circuit
starts
switching
operation.
After
switching operation begins, the startup circuit turns off
automatically so that its current consumption becomes
zero.
The approximate startup time of IC, tSTART, is
calculated as follows:
STARTUP
)
INT
(
CC
)
ON
(
CC
START
I
V
V
4
C
t
(1)
where,
tSTART: Startup time of IC in second
VCC(INT) : Initial voltage on VCC pin in V
VAC
C2
D2
R6
C4
T1
D
P
VCC
S/GND
D/ST
4
5,6,7
2
U1
VD
C1
L1
FB 1
R3
R4
R5
Figure 10-1 VCC pin peripheral circuit
10.2 Undervoltage Lockout (UVLO)
Figure 10-2 shows the relationship of VCC pin
voltage and circuit current ICC. When VCC pin voltage
increases to VCC(ON) = 15.0 V, the control circuit starts
switching operation and the circuit current ICC increases.
When VCC pin voltage decreases to VCC(OFF) = 8.1 V,
the
control
circuit
stops
operation
by
UVLO
(Undervoltage Lockout) circuit, and reverts to the state
before startup.
Circuit current, ICC
ICC(ON)
VCC(OFF)
VCC(ON)
VCC pin
voltage
Start
Stop
Figure 10-2 Relationship between
VCC pin voltage and ICC
10.3 Auxiliary Winding
Figure 10-3 shows VCC voltage behavior during the
startup period. When VCC pin voltage increases to
VCC(ON) = 15.0 V at startup, the IC starts the operation.
Then circuit current increases and VCC pin voltage
decreases.
Since
the
Operation
Stop
Voltage
VCC(OFF) = 8.1 V is low, the auxiliary winding voltage
reaches to setting value before VCC pin voltage
decreases to VCC(OFF). Thus control circuit continues the
operation. The voltage from the auxiliary winding D in
Figure 10-1 becomes a power source to the control
circuit in operation. The approximate value of auxiliary
winding voltage is about 12 V to 16 V, taking account of
the winding turns of D winding so that VCC pin voltage
satisfies Equation (2) within the specification of input
and output voltage variation of power supply.
IC starts operation
VCC pin voltage
VCC(ON)
VCC(OFF)
Startup failure
Startup success
Target operating
voltage
Time
Increase with rising of
output voltage
Figure 10-3 VCC pin voltage during startup period


Similar Part No. - STR5A164D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Similar Description - STR5A164D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com