Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F008AT-12TC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49F008AT-12TC
Description  8-megabit (1M x 8/512K x 16) Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F008AT-12TC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49F008AT-12TC Datasheet HTML 1Page - ATMEL Corporation AT49F008AT-12TC Datasheet HTML 2Page - ATMEL Corporation AT49F008AT-12TC Datasheet HTML 3Page - ATMEL Corporation AT49F008AT-12TC Datasheet HTML 4Page - ATMEL Corporation AT49F008AT-12TC Datasheet HTML 5Page - ATMEL Corporation AT49F008AT-12TC Datasheet HTML 6Page - ATMEL Corporation AT49F008AT-12TC Datasheet HTML 7Page - ATMEL Corporation AT49F008AT-12TC Datasheet HTML 8Page - ATMEL Corporation AT49F008AT-12TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AT49F008A(T)/8192A(T)
5
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49F008A(T)/8192A(T) features
DATA polling to indicate the end of a program cycle. During
a program cycle an attempted read of the last byte loaded
will result in the complement of the loaded data on I/O7.
Once the program cycle has been completed, true data is
valid on all outputs and the next cycle may begin. During a
chip or sector erase operation, an attempt to read the
device will give a “0” on I/O7. Once the program or erase
cycle has completed, true data will be read from the device.
DATA polling may begin at any time during the program
cycle.
TOG G LE BI T: In addit i on to D ATA po lling the
AT49F008A(T)/8192A(T) provides another method for
determining the end of a program or erase cycle. During a
program or erase operation, successive attempts to read
data from the device will result in I/O6 toggling between
one and zero. Once the program cycle has completed, I/O6
will stop toggling and valid data will be read. Examining the
toggle bit may begin at any time during a program cycle.
READY/BUSY: For the AT49F008A(T), pin 12 is an open
drain READY/BUSY output pin which provides another
method of detecting the end of a program or erase opera-
tion. RDY/BUSY is actively pulled low during the internal
program and erase cycles and it is released at the comple-
tion of the cycle. The open drain connection allows for OR-
tying of several devices to the same RDY/BUSY line.
HARDWARE DATA PROTECTION: Hardware features
pr ot ect ag ainst ina d ver t e n t pr og r a ms t o the
AT49F008A(T)/8192A(T) in the following ways: (a) VCC
sense: if V
CC is below 3.8V (typical), the program function
is inhibited. (b) V
CC power on delay: once VCC has reached
the V
CC sense level, the device will automatically time out
10 ms (typical) before programming. (c) Program inhibit:
holding any one of OE low, CE high or WE high inhibits
program cycles. (d) Noise filter: pulses of less than 15 ns
(typical) on the WE or CE inputs will not initiate a program
cycle.
AT49F008A(T) ALTERNATE PIN DEFINITION: Two
AT49F008A(T) BGA pin definitions are shown. The stan-
dard pin definition allows use of the JEDEC standard pro-
gramming algorithm. If the alternate pin definition is used,
the programming algorithm must be modified as shown in
the Command Definition for Alternate Pin Definition Table
on page 7.


Similar Part No. - AT49F008AT-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008AT ATMEL-AT49F008AT Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F008AT-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com