Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-A6052M Datasheet(PDF) 9 Page - Sanken electric

Part # STR-A6052M
Description  PWM Off-Line Switching Regulator ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6052M Datasheet(HTML) 9 Page - Sanken electric

Back Button STR-A6052M Datasheet HTML 5Page - Sanken electric STR-A6052M Datasheet HTML 6Page - Sanken electric STR-A6052M Datasheet HTML 7Page - Sanken electric STR-A6052M Datasheet HTML 8Page - Sanken electric STR-A6052M Datasheet HTML 9Page - Sanken electric STR-A6052M Datasheet HTML 10Page - Sanken electric STR-A6052M Datasheet HTML 11Page - Sanken electric STR-A6052M Datasheet HTML 12Page - Sanken electric STR-A6052M Datasheet HTML 13Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
SANKEN ELECTRIC CO., LTD.
STR-A6000M-DS
PWM Off-Line Switching Regulator ICs
STR-A6000M
Series
January 8, 2013
D/ST
VCC
5
2
4
S/OCP
FB/OLP
GND
BR
DRV
PWM OSC
REG
SQ
R
Slope
Compensation
6.4 V
VREG
Feedback
Control
OCP
Drain Peak Current
Compensation
7 V
12.8 V
VCC
LEB
OLP
OVP
TSD
Startup
UVLO
Brown-In/
Brown-Out
7,8
1
3
Functional Block Diagram
1
2
3
4
8
7
5
D/ST
D/ST
VCC
S/OCP
BR
GND
FB/OLP
Pin-out Diagram
Pin List Table
Number
Name
Function
1
S/OCP
MOSFET source, and input for Overcurrent Protection (OCP) signal
2
BR
Input for Brown-In and Brown-Out detection voltage
3
GND
Ground
4
FB/OLP
Feedback signal input for constant voltage control signal, and input of Overload
Protection (OLP) signal
5
VCC
Power supply voltage input for Control Part and input of Overvoltage Protection
(OVP) signal
6
(Pin removed)
7, 8
D/ST
MOSFET drain, and input of the startup current


Similar Part No. - STR-A6052M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6052M SANKEN-STR-A6052M Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6052M SANKEN-STR-A6052M Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A6052M SANKEN-STR-A6052M Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
logo
Allegro MicroSystems
STR-A6052M ALLEGRO-STR-A6052M Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
More results

Similar Description - STR-A6052M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com