Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-V153 Datasheet(PDF) 4 Page - Sanken electric

Part # STR-V153
Description  Low Profile and Creeping distance of 4mm Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-V153 Datasheet(HTML) 4 Page - Sanken electric

  STR-V153 Datasheet HTML 1Page - Sanken electric STR-V153 Datasheet HTML 2Page - Sanken electric STR-V153 Datasheet HTML 3Page - Sanken electric STR-V153 Datasheet HTML 4Page - Sanken electric STR-V153 Datasheet HTML 5Page - Sanken electric STR-V153 Datasheet HTML 6Page - Sanken electric STR-V153 Datasheet HTML 7Page - Sanken electric STR-V153 Datasheet HTML 8Page - Sanken electric STR-V153 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low Profile and Creeping distance of 4mm Package
650V, 2.0Ω, tOFF= 11.5µs PRC Off-Line Switching Regulator
STR-V153
SANKEN ELECTRIC CO.,LTD.
Mar/28/2012
4
4
MOSFET Performance Curves


Similar Part No. - STR-V153

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-V152 SANKEN-STR-V152 Datasheet
890Kb / 10P
   Low Profile and Creeping distance of 4mm Package
More results

Similar Description - STR-V153

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-V152 SANKEN-STR-V152 Datasheet
890Kb / 10P
   Low Profile and Creeping distance of 4mm Package
STR-V653 SANKEN-STR-V653 Datasheet
335Kb / 10P
   Low height and Creeping distance of 4mm or longer
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com