Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-W6052S Datasheet(PDF) 4 Page - Sanken electric

Part # STR-W6052S
Description  PWM Off-Line Switching Regulator ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W6052S Datasheet(HTML) 4 Page - Sanken electric

  STR-W6052S Datasheet HTML 1Page - Sanken electric STR-W6052S Datasheet HTML 2Page - Sanken electric STR-W6052S Datasheet HTML 3Page - Sanken electric STR-W6052S Datasheet HTML 4Page - Sanken electric STR-W6052S Datasheet HTML 5Page - Sanken electric STR-W6052S Datasheet HTML 6Page - Sanken electric STR-W6052S Datasheet HTML 7Page - Sanken electric STR-W6052S Datasheet HTML 8Page - Sanken electric STR-W6052S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SANKEN ELECTRIC CO., LTD.
STR-A6000S-DS
PWM Off-Line Switching Regulator ICs
STR-W6000S
Series
February 27, 2013
Electrical Characteristics of Control Part Unless otherwise specified, TA = 25°C, VCC = 18 V
Characteristic
Symbol
Conditions
Pins
Min.
Typ.
Max.
Unit
Operation Start Voltage
VCC(ON)
4 – 5
13.8
15.3
16.8
V
Operation Stop Voltage*
VCC(OFF)
4 – 5
7.3
8.1
8.9
V
Circuit Current in Operation
ICC(ON)
VCC = 12 V
4 – 5
2.5
mA
Minimum Start Voltage
VST(ON)
4 – 5
40
V
Startup Current
ISTARTUP
VCC = 13.5 V
4 – 5
−3.9
−2.5
−1.1
mA
Startup Current Threshold Biasing Voltage*
VCC(BIAS) ICC = −100 μA
4 – 5
8.5
9.5
10.5
V
Average Operation Frequency
fOSC(AVG)
1 – 5
60
67
74
kHz
Frequency Modulation Deviation
Δf
1 – 5
5
kHz
Maximum Duty Cycle
DMAX
1 – 5
63
71
79
%
Leading Edge Blanking Time
tBW
390
ns
OCP Compensation Coefficient
DPC
18
mV/μs
OCP Compensation Duty Cycle Limit
DDPC
––
36
%
OCP Threshold Voltage at Zero Duty Cycle
VOCP(L)
3 – 5
0.70
0.78
0.86
V
OCP Threshold Voltage at 36% Duty Cycle
VOCP(H)
VCC = 32 V
3 – 5
0.79
0.88
0.97
V
Maximum Feedback Current
IFB(MAX)
VCC = 12 V
6 – 5
−340
−230
−150
μA
Minimum Feedback Current
IFB(MIN)
6 – 5
−30
−15
−7
μA
FB/OLP Pin Oscillation Stop Threshold
Voltage
VFB(STB)
6 – 5
0.85
0.95
1.05
V
OLP Threshold Voltage
VFB(OLP)
6 – 5
7.3
8.1
8.9
V
OLP Delay Time
tOLP
6 – 5
54
68
82
ms
OLP Operation Current
ICC(OLP)
VCC = 12 V
4 – 5
300
μA
FB/OLP Pin Clamp Voltage
VFB(CLAMP)
6 – 5
11
12.8
14
V
Brown-In Threshold Voltage
VBR(IN)
VCC = 32 V
7 – 5
5.2
5.6
6
V
Brown-Out Threshold Voltage
VBR(OUT)
VCC = 32 V
7 – 5
4.45
4.8
5.15
V
BR Pin Clamp Voltage
VBR(CLAMP) VCC = 32 V
7 – 5
6
6.4
7
V
BR Function Disabling Threshold Voltage
VBR(DIS)
VCC = 32 V
7 – 5
0.3
0.48
0.7
V
VCC Pin OVP Threshold Voltage
VCC(OVP)
4 – 5
26
29
32
V
Thermal Shutdown Temperature
Tj(TSD)
130
°C
*VCC(BIAS) > VCC(OFF) always.


Similar Part No. - STR-W6052S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-W6052S SANKEN-STR-W6052S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Similar Description - STR-W6052S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com