Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-Y6763 Datasheet(PDF) 5 Page - Sanken electric

Part # STR-Y6763
Description  Off-Line Quasi-Resonant Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-Y6763 Datasheet(HTML) 5 Page - Sanken electric

  STR-Y6763 Datasheet HTML 1Page - Sanken electric STR-Y6763 Datasheet HTML 2Page - Sanken electric STR-Y6763 Datasheet HTML 3Page - Sanken electric STR-Y6763 Datasheet HTML 4Page - Sanken electric STR-Y6763 Datasheet HTML 5Page - Sanken electric STR-Y6763 Datasheet HTML 6Page - Sanken electric STR-Y6763 Datasheet HTML 7Page - Sanken electric STR-Y6763 Datasheet HTML 8Page - Sanken electric STR-Y6763 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Off-Line Quasi-Resonant Switching Regulators
STR-Y6763,
STR-Y6765, and
STR-Y6766
Electrical Characteristics of Control Part (MIC) Unless specifically noted, TA = 25°C and VCC = 20 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Power Supply Startup Operation
Operation Start Voltage
VCC(ON)
3 – 4
13.8
15.1
17.3
V
Operation Stop Voltage1
VCC(OFF)
3 – 4
8.4
9.4
10.7
V
Circuit Current in Operation
ICC(ON)
3 – 4
1.3
3.7
mA
Circuit Current in Non-Operation
ICC(OFF)
VCC = 13 V
3 – 4
4.5
50
μA
Startup Circuit Operation Voltage
VSTART(ON)
1 – 4
42
57
72
V
Startup Current
ICC(STARTUP) VCC = 13 V
3 – 4
−4.5
−3.1
−1.0
mA
Startup Current Supply Threshold
Voltage1
VCC(BIAS)
3 – 4
9.5
11.0
12.5
V
Operation Frequency
fOSC
1 – 4
18.4
21.0
24.4
kHz
Soft Start Operation Duration
tSS
1 – 4
6.05
ms
Normal Operation
Bottom-Skip Operation Threshold
Voltage 1
VOCP(BS1)
2 – 4
0.487
0.572
0.665
V
Bottom-Skip Operation Threshold
Voltage 2
VOCP(BS2)
2 – 4
0.200
0.289
0.380
V
Quasi-Resonant Operation Threshold
Voltage 12
VBD(TH1)
6 – 4
0.14
0.24
0.34
V
Quasi-Resonant Operation Threshold
Voltage 22
VBD(TH2)
6 – 4
0.17
V
Maximum Feedback Current
IFB(MAX)
5 – 4
−320
−205
−120
μA
Stand-by Operation
Standby Operation Threshold Voltage
VFB(STBOP)
5 – 4
0.45
0.80
1.15
V
Protected Operation
Maximum On-Time
tON(MAX)
1 – 4
30.0
40.0
50.0
μs
Leading Edge Blanking Time
tON(LEB)
STR-Y6763
1 – 4
470
ns
STR-Y6765
455
ns
STR-Y6766
455
ns
Overcurrent Detection Threshold
Voltage (Normal Operation)
VOCP(H)
VBD = 0 V
2 – 4
0.820
0.910
1.000
V
Overcurrent Detection Threshold
Voltage (Input Compensation in
Operation)
VOCP(L)
VBD = –3 V
2 – 4
0.560
0.660
0.760
V
Overcurrent Detection Threshold
Voltage (Latched shutoff)3
VOCP(La.OFF)
2 – 4
1.65
1.83
2.01
V
Continued on the next page…
STR-Y6763-DS
5
SANKEN ELECTRIC CO., LTD.


Similar Part No. - STR-Y6763

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-Y6763 SANKEN-STR-Y6763 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
STR-Y6763 SANKEN-STR-Y6763 Datasheet
1Mb / 34P
   Quasi-Resonant Controllers with Integrated Power MOSFET
STR-Y6763A SANKEN-STR-Y6763A Datasheet
1Mb / 34P
   Quasi-Resonant Controllers with Integrated Power MOSFET
More results

Similar Description - STR-Y6763

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com