Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49F8192AT-12CI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49F8192AT-12CI
Description  8-megabit (1M x 8/512K x 16) Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8192AT-12CI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49F8192AT-12CI Datasheet HTML 7Page - ATMEL Corporation AT49F8192AT-12CI Datasheet HTML 8Page - ATMEL Corporation AT49F8192AT-12CI Datasheet HTML 9Page - ATMEL Corporation AT49F8192AT-12CI Datasheet HTML 10Page - ATMEL Corporation AT49F8192AT-12CI Datasheet HTML 11Page - ATMEL Corporation AT49F8192AT-12CI Datasheet HTML 12Page - ATMEL Corporation AT49F8192AT-12CI Datasheet HTML 13Page - ATMEL Corporation AT49F8192AT-12CI Datasheet HTML 14Page - ATMEL Corporation AT49F8192AT-12CI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AT49F008A(T)/8192A(T)
11
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1.
OE must be high only when WE and CE are both low.
2.
For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased.
(See note 4 under command definitions.)
3.
For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Byte/Word Programming Time
10
50
µs
t
AS
Address Set-up Time
0
ns
tAH
Address Hold Time
100
ns
t
DS
Data Set-up Time
100
ns
t
DH
Data Hold Time
0
ns
tWP
Write Pulse Width
100
ns
t
WPH
Write Pulse Width High
50
ns
t
EC
Erase Cycle Time
10
seconds
OE
INPUT DATA
ADDRESS
A0
55
5555
5555
AA
2AAA
t BP
t WPH
t WP
CE
WE
t
AS
tAH
t DH
t DS
5555
AA
PROGRAM CYCLE
A0-A18
DATA
OE
(1)
AA
80
55
55
5555
5555
AA
2AAA
2AAA
t
WPH
t
WP
CE
WE
t AS
tAH
t EC
t DH
t DS
5555
A0-A18
DATA
Note 2
Note 3
BYTE/
WORD 0
BYTE/
WORD 1
BYTE/
WORD 2
BYTE/
WORD 3
BYTE/
WORD 4
BYTE/
WORD 5


Similar Part No. - AT49F8192AT-12CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192AT-70TI ATMEL-AT49F8192AT-70TI Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192AT-90RI ATMEL-AT49F8192AT-90RI Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192AT-90TI ATMEL-AT49F8192AT-90TI Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F8192AT-12CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com