Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1420P02CT Datasheet(PDF) 6 Page - TDK Electronics

Part # PS1420P02CT
Description  Pin terminal/Lead Without oscillator circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PS1420P02CT Datasheet(HTML) 6 Page - TDK Electronics

  PS1420P02CT Datasheet HTML 1Page - TDK Electronics PS1420P02CT Datasheet HTML 2Page - TDK Electronics PS1420P02CT Datasheet HTML 3Page - TDK Electronics PS1420P02CT Datasheet HTML 4Page - TDK Electronics PS1420P02CT Datasheet HTML 5Page - TDK Electronics PS1420P02CT Datasheet HTML 6Page - TDK Electronics PS1420P02CT Datasheet HTML 7Page - TDK Electronics PS1420P02CT Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(5/7)
007-01 / 20110508 / ef532_ps.fm
• All specifications are subject to change without notice.
PS17 TYPE
PS1740P02CE
FEATURES
• Thin type.
SHAPES AND DIMENSIONS
SPECIFICATIONS AND CHARACTERISTICS
FREQUENCY SOUND PRESSURE CHARACTERISTICS
SINE WAVE DRIVE
SQUARE WAVE DRIVE
PS19 TYPE
PS1920P02
FEATURES
• Low frequency tone(2kHz).
• Piezo element is coated with water proof processing.
SHAPES AND DIMENSIONS
• It considers that water escapes from sound release hole and please decide an
attachment angle.
SPECIFICATIONS AND CHARACTERISTICS
FREQUENCY SOUND PRESSURE CHARACTERISTICS
SINE WAVE DRIVE
SQUARE WAVE DRIVE
Tolerance:
±0.3
Dimensions in mm
ø17
4.6
4
0.5
10
A
A
Sound pressure
60dBA/
10cm min.
[at 4kHz, 3V0-P rectangular
wave, measuring temperature:
25±5°C, humidity: 60±10%]
Operating temperature
range
–10 to +70°C
Storage conditions
+5 to +40°C, 20 to 70%RH,
please use within 6 months
Maximum input voltage
30V0-P max.
[without DC bias]
Minimum delivery unit
1500 pieces
1000
2000
5000
10000
100
90
80
70
40
50
60
Frequency(Hz)
at 3Vrms sine wave
1000
2000
5000
10000
90
80
70
60
40
50
Frequency(Hz)
at 3V0-P square wave
23max.
9.5
10.5
Dimensions in mm
7.4
Sound hole
Sound pressure
80dBA/
10cm min.
[at 2kHz, 10V0-P rectangular
wave, measuring temperature:
25±5°C, humidity: 60±10%]
Operating temperature
range
–10 to +70°C
Storage conditions
+5 to +40°C, 20 to 70%RH,
please use within 6 months
Maximum input voltage
20V0-P max.
[without DC bias]
Minimum delivery unit
600 pieces
1000
2000
5000
10000
90
80
70
60
Frequency(Hz)
at 3Vrms sine wave
1000
2000
5000
10000
80
70
60
50
Frequency(Hz)
at 3V0-P square wave


Similar Part No. - PS1420P02CT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PS1420P02CT TDK-PS1420P02CT Datasheet
128Kb / 7P
   Piezoelectronic Buzzers
More results

Similar Description - PS1420P02CT

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
H2082-01 HARWIN-H2082-01 Datasheet
68Kb / 1P
   TERMINAL PIN
H2087-01 HARWIN-H2087-01 Datasheet
67Kb / 1P
   TERMINAL PIN
H2081-01 HARWIN-H2081-01 Datasheet
65Kb / 1P
   TERMINAL PIN
H2157-00 HARWIN-H2157-00 Datasheet
92Kb / 1P
   TERMINAL PIN
H2170-01 HARWIN-H2170-01 Datasheet
57Kb / 1P
   TERMINAL PIN
H2175-01 HARWIN-H2175-01 Datasheet
78Kb / 1P
   TERMINAL PIN
H2088-01 HARWIN-H2088-01 Datasheet
66Kb / 1P
   TERMINAL PIN
H2083-01 HARWIN-H2083-01 Datasheet
68Kb / 1P
   TERMINAL PIN
H2085-01 HARWIN-H2085-01 Datasheet
67Kb / 1P
   TERMINAL PIN
H2176-01 HARWIN-H2176-01 Datasheet
92Kb / 1P
   TERMINAL PIN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com