Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA241301F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTFA241301F
Description  Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420 ??2480 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA241301F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTFA241301F Datasheet HTML 4Page - Infineon Technologies AG PTFA241301F Datasheet HTML 5Page - Infineon Technologies AG PTFA241301F Datasheet HTML 6Page - Infineon Technologies AG PTFA241301F Datasheet HTML 7Page - Infineon Technologies AG PTFA241301F Datasheet HTML 8Page - Infineon Technologies AG PTFA241301F Datasheet HTML 9Page - Infineon Technologies AG PTFA241301F Datasheet HTML 10Page - Infineon Technologies AG PTFA241301F Datasheet HTML 11Page - Infineon Technologies AG PTFA241301F Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PTFA241301E
PTFA241301F
Data Sheet
9 of 12
Rev. 05, 2007-05-11
260-cases_30260
0.0381 [.0015] -A-
22.35±0.23
[.880±.009]
(2X 4.83±0.50
[.190±.020])
2X 12.70
[.500]
23.37±0.51
[.920±.020]
4X R 1.52
[.060]
2X 3.25
[.128]
1.02
[.040]
27.94
[1.100]
34.04
[1.340]
D
S
G
FLANGE 13.72
[.540]
45° X (2.03
[.080])
SPH 1.57
[.062]
2X 1.63
[.064] R
4.11±0.38
[.162±.015]
[.520
]
+.004
–.006
LID 13.21+0.10
–0.15
Package Outline Specifications
Package H-30260-2
Diagram Notes—unless otherwise specified:
1. Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001].
2. All tolerances ± 0.127 [.005] unless specified otherwise.
3. Pins: D = drain, S = source, G = gate.
4. Interpret dimensions and tolerances per ASME Y14.5M-1994.
5. Primary dimensions are mm. Alternate dimensions are inches.
6. Gold plating thickness:
S - flange: 2.54 micron [100 microinch] (min)
D, G - leads: 1.14 micron ± 0.38 micron [45 microinch ± 15 microinch]
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/products


Similar Part No. - PTFA241301F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA241301F INFINEON-PTFA241301F Datasheet
248Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420-2480 MHz
Rev. 05, 2007-05-11
More results

Similar Description - PTFA241301F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA241301E INFINEON-PTFA241301E Datasheet
248Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420-2480 MHz
Rev. 05, 2007-05-11
PTFA240451E INFINEON-PTFA240451E Datasheet
197Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 45 W, 2420-2480 MHz
Rev. 04, 2008-03-04
PTF081301E INFINEON-PTF081301E Datasheet
289Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 869 - 960 MHz
Rev. 03, 2005-05-02
PTFA261301E INFINEON-PTFA261301E Datasheet
256Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2.62-2.68 GHz
Rev. 07, 2007-04-04
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com