Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA241301F Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTFA241301F
Description  Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420 ??2480 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA241301F Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTFA241301F Datasheet HTML 1Page - Infineon Technologies AG PTFA241301F Datasheet HTML 2Page - Infineon Technologies AG PTFA241301F Datasheet HTML 3Page - Infineon Technologies AG PTFA241301F Datasheet HTML 4Page - Infineon Technologies AG PTFA241301F Datasheet HTML 5Page - Infineon Technologies AG PTFA241301F Datasheet HTML 6Page - Infineon Technologies AG PTFA241301F Datasheet HTML 7Page - Infineon Technologies AG PTFA241301F Datasheet HTML 8Page - Infineon Technologies AG PTFA241301F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PTFA241301E
PTFA241301F
Data Sheet
2 of 12
Rev. 05, 2007-05-11
*See Infineon distributor for future availability.
RF Characteristics (cont.)
Two-tone Measurements (tested in Infineon test fixture)
VDD = 28 V, IDQ = 1150 mA, POUT = 130 W PEP, ƒ = 2420 MHz, tone spacing = 1 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
13.0
14
dB
Drain Efficiency
ηD
36
38
%
Intermodulation Distortion
IMD
–30
–28
dBc
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1.0
µA
VDS = 63 V, VGS = 0 V
IDSS
10.0
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.07
Operating Gate Voltage
VDS = 28 V, IDQ = 1150 mA
VGS
2
2.4
3
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1.0
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–0.5 to +12
V
Junction Temperature
TJ
200
°C
Total Device Dissipation
PD
438
W
Above 25°C derate by
2.5
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C, 130 W CW)
RθJC
0.40
°C/W
Ordering Information
Type
Package Outline
Package Description
Marking
PTFA241301E
H-30260-2
Thermally-enhanced slotted flange, single-ended
PTFA241301E
PTFA241301F
H-31260-2
Thermally-enhanced earless flange, single-ended
PTFA241301F


Similar Part No. - PTFA241301F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA241301F INFINEON-PTFA241301F Datasheet
248Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420-2480 MHz
Rev. 05, 2007-05-11
More results

Similar Description - PTFA241301F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA241301E INFINEON-PTFA241301E Datasheet
248Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2420-2480 MHz
Rev. 05, 2007-05-11
PTFA240451E INFINEON-PTFA240451E Datasheet
197Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 45 W, 2420-2480 MHz
Rev. 04, 2008-03-04
PTF081301E INFINEON-PTF081301E Datasheet
289Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 869 - 960 MHz
Rev. 03, 2005-05-02
PTFA261301E INFINEON-PTFA261301E Datasheet
256Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2.62-2.68 GHz
Rev. 07, 2007-04-04
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com