Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1584T4DH Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1584T4DH
Description  Barres d alimentation de qualit챕 m챕dicale de 15 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1584T4DH Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1584T4DH Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1584T4DH Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rack Cabinet Vertical Mount Adaptor
Barres d'alimentation de qualité médicale de 15 A 1584H Series
Features
Featuring a sturdy aluminum extruded case with a distinctive black
powder paint coated steel cover.
Designed to meet the special requirements for institutional and chronic
care use.
With “Hospital Grade” white receptacles, line cord and plug.
Exceeds NEMA requirements for low leakage ground return and for
withstanding impact or continuous physical shock without loss of
grounding path continuity when plugged into properly grounded source
receptacles.
The white "Hospital Grade" receptacles are securely fastened onto the
housing and interconnected with
solidly bonded bus bars. All bus bars are double connected with a
convection pressure sensitive clamp and safety screw.
Perfect for ground sensitive audio applications!
An additional grounding stud is provided on the case for any further
external grounding requirements.
Mounting feet (with keyhole slots) allow temporary work station
mounting if desired.
Specifications
Heavy duty 14 gauge cord - 14/3 SJT for extreme temperature ranges
and integral clear molded “Hospital Grade” plug.
Complete with a 15 amp, 125 volt resettable circuit breaker to prevent
accidental line overload.
CSA certified, Standards C22.2 (No. 21-95 and No. 42-99), CSA Cord
Sets No. 8 (Hospital Grade Powerbars).
TUVus certified to UL60601-1 (medical grade) and UL 1363 (relocatable
power taps).
Accessoires
Part No.
Overall Dimensions
Outlets
Cord
Height
Width
Length
Length (ft)
1584T4DH6
2.33
2.12
10.18
4
6
1584T4DH
2.33
2.12
13.36
4
15
1584T6DH6
2.33
2.12
13.36
6
6
1584T6DH
2.33
2.12
13.36
6
15
1584T8DH6
2.33
2.12
16.51
8
6
1584T8DH
2.33
2.12
16.51
8
15
Des produits de qualité. L'excellence du service.


Similar Part No. - 1584T4DH

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584T4DH HAMMOND-1584T4DH Datasheet
151Kb / 1P
   Black Painted Steel
1584T4DH6 HAMMOND-1584T4DH6 Datasheet
151Kb / 1P
   Black Painted Steel
More results

Similar Description - 1584T4DH

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1585-6-7-8 HAMMOND-1585-6-7-8 Datasheet
122Kb / 4P
   Barres d alimentation de 15 A pour montage vertical sur bati
FRCM HAMMOND-FRCM Datasheet
90Kb / 2P
   Gestionnaire de c창bles vertical a barres despacement avec porte
SHG HAMMOND-SHG Datasheet
80Kb / 2P
   Generateur de chaleur de 15-150 W
SDA HAMMOND-SDA Datasheet
68Kb / 1P
   Ensemble de bouchon de mise a lair libre
GRDKIT HAMMOND-GRDKIT Datasheet
71Kb / 1P
   Ensembles de fils de mise a la terre
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
   TROUSSE DE BUTEES DE PORTE
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
   Gestionnaire de cables de toit
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
   ENSEMBLES DE FRILLES DE VENTILATION
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
   Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
logo
List of Unclassifed Man...
CW8700 ETC2-CW8700 Datasheet
106Kb / 5P
   FICHE DE DONN횋ES DE S횋CURIT횋
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com