Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVH-41T-P1.1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SVH-41T-P1.1
Description  APPLICATION TOOLING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SVH-41T-P1.1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SVH-41T-P1.1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SVH-41T-P1.1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SVH-41T-P1.1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SVH-41T-P1.1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SVH-41T-P1.1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SVH-41T-P1.1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SVH-41T-P1.1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SVH-41T-P1.1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
16
Crimping tools
Contact and Applicable dies
J1000
Type II
L
S
S
M
M
L
L
2L
J1LL
J2SL
J3SL
J2ML
J3ML
J2LL
J3LL
J32LL
Yellow green
Handle unit
Upper pin
Lower pin
Case
White
Yellow
Purple
Green
Orange
Red
Blue
J2000
J300
Series
Anvil
Common parts
Color mark
Nominal
Contact Model No.
Crimper
Receptacle
SF1F-21(*)-P0.6
SJ2F-002GF-P1.0
SJ2F-01GF-P1.0
SJ2F-21GF-P1.0
SF3F-002 (*) -P2.0
SF3F-01 (*) -P2.0
SF3F-41 (*) -P2.0
SF3F-71 (*) -P2.0
SF1M-21(*)-M0.6A
J1LA / B
J1LC / D
J2SA / B
J2MA / B
J2LA / B
J3SA / B
J3SC / D
J3MA / B
J3MC / D
J3LA / B
J3LC / D
J32LA / B
SJ2M-002GF-M1.0N
SJ2M-01GF-M1.0N
SJ2M-21GF-M1.0N
SF3M-01 (*) -M2.0N
SF3M-41 (*) -M2.0N
SF3M-71 (*) -M2.0N
Tab
Crimper
Model No.
Applicable wire size
AWG
Insulation O.D.
(mm)
Die mark
A
B
C
D
A
B
A
B
A
B
A
B
C
D
A
B
C
D
A
B
C
D
A
B
#20
#18
#22
KV0.75
#28
#24
#24
#20
#22
#20
#28
#24
#26
#24
#24
#20
#22
#20
#20
#16
#18
#18
#16
#14
1.76
2.03
1.58
1.90
1.20
1.43
1.43
1.53
1.58
1.76
1.20
1.43
1.30
1.11
1.43
1.76
1.58
2.56
1.76
2.35
2.03
2.83
3.10
3.30
YRK-EX
• High reliability of crimping is provided by choosing the crimper and anvil suitable for the wire specification.
• The crimping die can be easily exchanged by only insertion and extraction of pin.
• Common handle and crimping dies can be stored in One case and it is easy to carry.
Dies replacement type hand crimping tools
Patent pending
Dimensions: 376(W)
×295(L)×73(D)mm
Dimensions: 75(W)
×314(L)×25(D)mm
Weight: Approx. 800g (When assembling dies)
*1
Note: 1. J1000 Finish(*): T ...... Tin-plated
GC ... Gold-plated
2. J300 Finish(*): GF… Nickel-undercoated, 0.38
μm selective gold-plated
GI… Nickel-undercoated, 0.76
μm selective gold-plated
T ...... Tin-plated
3. The wear of parts is caused by using hand tool repeatedly.
Measure the crimping height daily and conduct periodical inspection of the wearing parts,
such as ratchet, pin and so on.
*1... Crimper is either the pair of
A and B or the pair of C and D.
*2... When using wire type UL 2517.
*2
15
Crimping tools
Contact and Applicable dies
J1000
Type II
L
S
S
M
M
L
L
2L
J2000
J300
Series
Nominal
Contact Model No.
Receptacle
SF1F-21 (*) -P0.6
SJ2F-002GF-P1.0
SJ2F-01GF-P1.0
SJ2F-21GF-P1.0
SF3F-002 (*) -P2.0
SF3F-01 (*) -P2.0
SF3F-41 (*) -P2.0
SF3F-71 (*) -P2.0
SF1M-21 (*) -M0.6A
YRK-1210
YRK-8851
YRK-8861
YRK-1120
YRK-8821
YRK-8811
YRK-8801
YRK-1071
LA / LB
LC / LD
SA / SB
MA / MB
LA / LB
SA / SB
SC / SD
MA / MB
MC / MD
LA / LB
LC / LD
2LA / 2LB
SJ2M-002GF-M1.0N
SJ2M-01GF-M1.0N
SJ2M-21GF-M1.0N
SF3M-01 (*) -M2.0N
SF3M-41 (*) -M2.0N
SF3M-71 (*) -M2.0N
Tab
Hand crimp
tools
Model No. of
crimper
Applicable wire size
AWG
Insulation O.D. (mm)
Marking
LA
LB
LC
LD
SA
SB
MA
MB
LA
LB
SA
SB
SC
SD
MA
MB
MC
MD
LA
LB
LC
LD
2LA
2LB
#22
KV0.75
#20
#18
#28
#24
#24
#20
#22
#20
#28
#24
#26
#24
#24
#20
#22
#20
#20
#16
#18
#18
#16
#14
1.58
1.90
1.76
2.03
1.20
1.43
1.43
1.53
1.58
1.76
1.20
1.43
1.30
1.11
1.43
1.76
1.58
2.56
1.76
2.35
2.03
2.83
3.10
3.30
*1
*2
YRK series hand crimping tools suitable for mass-production
• Crimping work, such as setting contacts to hand tools etc., is facilitated by using a strip contact to improve the productivity.
• A light operation enables to terminate the contact correctly, by adopting straight-ahead crimping.
• A structure, that the carrier of contact doesn't fly off, has been adopted to this tool.
YRK Standard type
• When exchanging the crimper, the crimping suitable for
the wire specification can be conducted.
• Anvil is fixed to tool.
Hand Crimping Tools
Dimensions: 75(W)
×314(L)×25(D)mm
Weight: Approx. 800g (When assembling dies)
Note: 1. J1000 Finish(*): T ...... Tin-plated
GC ... Gold-plated
2. J300
Finish(*): GF… Nickel-undercoated, 0.38
μm selective gold-plated
GI… Nickel-undercoated, 0.76
μm selective gold-plated
T ...... Tin-plated
3. The wear of parts is caused by using hand tool repeatedly.
Measure the crimping height daily and conduct periodical inspection of the wearing parts,
such as ratchet, pin and so on.
*1... Crimper is either the pair of
A and B or the pair of C and D.
*2... When using wire type UL 2517.


Similar Part No. - SVH-41T-P1.1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVH-41T-P1.1 ETC2-SVH-41T-P1.1 Datasheet
232Kb / 8P
   Crimping tools and machines
SVH-41T-P1.1 ETC-SVH-41T-P1.1 Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
SVH-41T-P1.1 ETC2-SVH-41T-P1.1 Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
More results

Similar Description - SVH-41T-P1.1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
   Application Tooling
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
   Application Tooling
0634453210 MOLEX11-0634453210 Datasheet
29Kb / 1P
   Application Tooling
0634461904 MOLEX11-0634461904 Datasheet
54Kb / 1P
   Application Tooling
0634463209 MOLEX11-0634463209 Datasheet
54Kb / 1P
   Application Tooling
0634441004 MOLEX11-0634441004 Datasheet
26Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com