Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9106FVM-LBTR Datasheet(PDF) 3 Page - Rohm

Part # BD9106FVM-LBTR
Description  Synchronous Buck Converter Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9106FVM-LBTR Datasheet(HTML) 3 Page - Rohm

  BD9106FVM-LBTR Datasheet HTML 1Page - Rohm BD9106FVM-LBTR Datasheet HTML 2Page - Rohm BD9106FVM-LBTR Datasheet HTML 3Page - Rohm BD9106FVM-LBTR Datasheet HTML 4Page - Rohm BD9106FVM-LBTR Datasheet HTML 5Page - Rohm BD9106FVM-LBTR Datasheet HTML 6Page - Rohm BD9106FVM-LBTR Datasheet HTML 7Page - Rohm BD9106FVM-LBTR Datasheet HTML 8Page - Rohm BD9106FVM-LBTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/20
TSZ02201-0J4J0AJ00590-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BD9106FVM-LB
21.Feb.2014 Rev.002
Description of Block
BD9106FVM-LB is a synchronous rectifying step-down switching regulator that achieves faster transient response by
employing current mode PWM control system.
It utilizes switching operation in PWM (Pulse Width Modulation) mode for
heavier load, while it utilizes SLLM
TM (Simple Light Load Mode) operation for lighter load to improve efficiency.
○Synchronous rectifier
It does not require the power to be dissipated by a rectifier externally connected to a conventional DC/DC converter IC,
and its P.N junction shoot-through protection circuit limits the shoot-through current during operation, by which the power
dissipation of the set is reduced.
○Current mode PWM control
Synthesizes a PWM control signal with a inductor current feedback loop added to the voltage feedback.
・PWM (Pulse Width Modulation) control
The oscillation frequency for PWM is 1 MHz.
SET signal form OSC turns ON a P-channel MOS FET (while a
N-channel MOS FET is turned OFF), and an inductor current IL increases.
The current comparator (Current Comp)
receives two signals, a current feedback control signal (SENSE: Voltage converted from IL) and a voltage feedback
control signal (FB), and issues a RESET signal if both input signals are identical to each other, and turns OFF the
P-channel MOS FET (while a N-channel MOS FET is turned ON) for the rest of the fixed period.
The PWM control
repeat this operation.
Voltage drop due to sudden change in load was reduced by about 50%.
Figure 4. Comparison of transient response
Conventional product (VOUT of which is 3.3 volts)
BD9106FVM-LB (Load response IO=100mA→600mA)
228mV
VOUT
IOUT
VOUT
IOUT
110mV


Similar Part No. - BD9106FVM-LBTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9106FVM-E2 ROHM-BD9106FVM-E2 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9106FVM-TR ROHM-BD9106FVM-TR Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9106FVM-TR ROHM-BD9106FVM-TR Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9106FVM-LBTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com