Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9161FVM-LB Datasheet(PDF) 4 Page - Rohm

Part # BD9161FVM-LB
Description  2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9161FVM-LB Datasheet(HTML) 4 Page - Rohm

  BD9161FVM-LB Datasheet HTML 1Page - Rohm BD9161FVM-LB Datasheet HTML 2Page - Rohm BD9161FVM-LB Datasheet HTML 3Page - Rohm BD9161FVM-LB Datasheet HTML 4Page - Rohm BD9161FVM-LB Datasheet HTML 5Page - Rohm BD9161FVM-LB Datasheet HTML 6Page - Rohm BD9161FVM-LB Datasheet HTML 7Page - Rohm BD9161FVM-LB Datasheet HTML 8Page - Rohm BD9161FVM-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/20
TSZ02201-0J4J0AJ00580-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
21.Feb.2014 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD9161FVM-LB
Description of Block - continued
・100% Duty control
Max duty is 100%. (@ Pch MOS FET always ON) In usual PWM control, in case output voltage cannot keep (ex, drop
of input voltage), oscillation frequency becomes lower and finally it becomes 100% duty. The output voltage is a value
that depends only by on a voltage hang from the input voltage to Pch MOS FET, and can keep the output voltage even
with the low input voltage.
Figure 6. Diagram of current mode PWM control
Figure 7. PWM switching timing chart
Figure 8. SLLM
TM switching timing chart
Current
Comp
SET
RESET
SW
VOUT
PVCC
GND
GND
GND
IL(AVE)
VOUT(AVE)
SENSE
FB
Current
Comp
SET
RESET
SW
VOUT
PVCC
GND
GND
GND
0A
VOUT(AVE)
SENSE
FB
IL
Not switching
IL
OSC
Level
Shift
Driver
Logic
R Q
S
IL
SW
ITH
Current
Comp
Gm Amp.
SET
RESET
FB
Load
SENSE
VOUT
VOUT


Similar Part No. - BD9161FVM-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9161FVM-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9122GUL ROHM-BD9122GUL_12 Datasheet
889Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9D321EFJ ROHM-BD9D321EFJ Datasheet
1Mb / 28P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9D323QWZ ROHM-BD9D323QWZ Datasheet
2Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com