Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4011UBF Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD4011UBF
Description  CMOS Quad 2-Input NAND Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4011UBF Datasheet(HTML) 4 Page - Texas Instruments

  CD4011UBF Datasheet HTML 1Page - Texas Instruments CD4011UBF Datasheet HTML 2Page - Texas Instruments CD4011UBF Datasheet HTML 3Page - Texas Instruments CD4011UBF Datasheet HTML 4Page - Texas Instruments CD4011UBF Datasheet HTML 5Page - Texas Instruments CD4011UBF Datasheet HTML 6Page - Texas Instruments CD4011UBF Datasheet HTML 7Page - Texas Instruments CD4011UBF Datasheet HTML 8Page - Texas Instruments CD4011UBF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4011UBE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4011UBEE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4011UBF
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
CD4011UBM
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBM96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBM96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBM96G4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBMG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBMT
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBMTE4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBMTG4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBNSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBNSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBNSRG4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBPWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBPWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4011UBPWRG4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 1


Similar Part No. - CD4011UBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011UBF TI1-CD4011UBF Datasheet
931Kb / 15P
[Old version datasheet]   CMOS Quad 2-input NAND Gate
More results

Similar Description - CD4011UBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011UBM TI1-CD4011UBM Datasheet
913Kb / 15P
[Old version datasheet]   CMOS Quad 2-Input NAND Gate
CD4011UBE TI-CD4011UBE Datasheet
922Kb / 15P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND GATE
CD4011UB TI1-CD4011UB_15 Datasheet
931Kb / 15P
[Old version datasheet]   CMOS Quad 2-input NAND Gate
logo
Intersil Corporation
CD4011BT INTERSIL-CD4011BT Datasheet
29Kb / 3P
   CMOS Quad 2-Input NAND Gate
July 1999
logo
Texas Instruments
CD4011UB TI-CD4011UB Datasheet
200Kb / 4P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com