Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZF-M-41T-P0.7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SZF-M-41T-P0.7
Description  APPLICATION TOOLING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SZF-M-41T-P0.7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SZF-M-41T-P0.7 Datasheet HTML 1Page - List of Unclassifed Manufacturers SZF-M-41T-P0.7 Datasheet HTML 2Page - List of Unclassifed Manufacturers SZF-M-41T-P0.7 Datasheet HTML 3Page - List of Unclassifed Manufacturers SZF-M-41T-P0.7 Datasheet HTML 4Page - List of Unclassifed Manufacturers SZF-M-41T-P0.7 Datasheet HTML 5Page - List of Unclassifed Manufacturers SZF-M-41T-P0.7 Datasheet HTML 6Page - List of Unclassifed Manufacturers SZF-M-41T-P0.7 Datasheet HTML 7Page - List of Unclassifed Manufacturers SZF-M-41T-P0.7 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MKS-SC
Strip-crimp applicator
for side feeding terminals
MK-L
Crimping applicator
for end-feeding terminals
MKS-L
Crimping applicator
for side-feeding terminals
MKF-L
Crimping applicator
for end-feeding flag terminals
2
1
APPLICATION TOOLING
Crimping tools and machines
Crimping tools and machines
The arrow mark indicates the press that is applicable to the applicator.
Semi-automatic crimping machines (presses)
contact a wire to a chain terminal each time a
footswitch is pressed.
Semi-automatic press
AP-K2N
• Dimensions:
(W
×L×H)280×480×505mm
• Weight:
Approx. 90kg(198lb)
• Power source:
100V AC, Single-phase 50/60Hz
• Pressure output:
14.7kN[1,500kg(3307lb)]
• Dies:
Applicator replacement


Similar Part No. - SZF-M-41T-P0.7

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SZF-0-0 PHOENIX-SZF-0-0 Datasheet
64Kb / 3P
   In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
logo
List of Unclassifed Man...
SZF-01T-P0.7 ETC1-SZF-01T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
PHOENIX CONTACT
SZF-1-0 PHOENIX-SZF-1-0 Datasheet
64Kb / 3P
   In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
SZF-2-0 PHOENIX-SZF-2-0 Datasheet
93Kb / 3P
   The illustration shows version SZF 1 -0,6 x 3,5
SZF-3-1 PHOENIX-SZF-3-1 Datasheet
55Kb / 4P
   In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
More results

Similar Description - SZF-M-41T-P0.7

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
   Application Tooling
57824-5000 MOLEX11-57824-5000 Datasheet
24Kb / 1P
   Application Tooling
0634453210 MOLEX11-0634453210 Datasheet
29Kb / 1P
   Application Tooling
0634461904 MOLEX11-0634461904 Datasheet
54Kb / 1P
   Application Tooling
0634463209 MOLEX11-0634463209 Datasheet
54Kb / 1P
   Application Tooling
0634441004 MOLEX11-0634441004 Datasheet
26Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com