Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0805 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CR0805
Description  CR0603/CR0805/CR1206 - Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0805 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CR0805 Datasheet HTML 1Page - Bourns Electronic Solutions CR0805 Datasheet HTML 2Page - Bourns Electronic Solutions CR0805 Datasheet HTML 3Page - Bourns Electronic Solutions CR0805 Datasheet HTML 4Page - Bourns Electronic Solutions CR0805 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
100
80
60
40
20
0
-55
0
70
125
(°C) Ambient temperature
Features
RoHS compliant*
Power rating at 70 °C: CR0603 - 0.10 W,
CR0805 - 0.125 W, CR1206 - 0.25 W
Tight tolerances of bottom electrode
width
Suitable for all types of soldering processes
Three layer contacting process with
nickel barrier prevents leaching and
provides excellent solderability
Paper tape on reel for automatic
placement
Optional resistor available designed for
greater withstand in sulfurous
environments
CR0603/CR0805/CR1206 - Chip Resistors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance in their
specific applications.
Electrical Characteristics
DIMENSIONS:
MM
(INCHES)
Characteristic
Model
Model
Model
CR0603
CR0805
CR1206
Power Rating @ 70 °C
1/10 W
1/8 W
1/4 W
Operating Temperature Range
-55 °C to +155 °C
Derated to 0 Load at
+155 °C
Maximum Working Voltage
50 V
150 V
200 V
Maximum Overload Voltage
100 V
300 V
400 V
10 ohms ≤ R ≤ 1M ohms
±100 PPM/°C
Resistance Range: 1 %
E-96 + E-24
1M ohms ≤ R ≤ 10M ohms
±200 PPM/°C
10 ohms ≤ R ≤ 10M ohms
±200 PPM/°C
Resistance Range: 5 %
E-24
1 ohm ≤ R ≤ 10 ohms
10M ohms < R ≤ 20 M ohms
±400 PPM/°C
Zero Ohm Jumper <0.05 ohm
Rated / Maximum Current
1 A / 2.5 A
1 A / 2.5 A
2 A / 5 A
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
Chip Dimensions
Model
Model
Model
Dimension
CR0603
CR0805
CR1206
L
1.60±0.10
2.00±0.15
3.20±0.25
(0.063±0.004)
(0.079±0.006)
(0.126±0.010)
W
0.80±0.10
1.25±0.15
1.60±0.15
(0.031±0.004)
(0.049±0.006)
(0.063±0.006)
H
0.45±0.10
0.50±0.10
0.60±0.15
(0.018±0.004)
(0.020±0.004)
(0.024±0.006)
I1
0.30±0.20
0.40±0.20
0.50±0.25
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
I2
0.30±0.20
0.40±0.20
0.50±0.20
(0.012±0.008)
(0.016±0.008)
(0.020±0.010)
Derating Curve
Characteristic Data
3.0
2.0
1.0
0
10
100 1K
10K 100K 1M
Load Life 1000 Hrs.
ΔR/R
(%)
3.0
2.0
1.0
0
10
100 1K
10K 100K 1M
Moisture Load Life 1000 Hrs.
ΔR/R
(%)
Resistance Value (
Ω)
Resistance Value (
Ω)
1.0
0.5
0
-0.5
10
100 1K
10K 100K 1M
Short Time Overload
ΔR/R
(%)
Resistance Value (
Ω)
Characteristic Data
L
H
I
2
I
2
W
I
1
I
1


Similar Part No. - CR0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR0805 ETC1-CR0805 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Bourns Electronic Solut...
CR0805 BOURNS-CR0805 Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
logo
Welwyn Components Limit...
CR0805 WELWYN-CR0805 Datasheet
165Kb / 3P
   Surface Mounted Resistors
logo
Bourns Electronic Solut...
CR0805 BOURNS-CR0805 Datasheet
354Kb / 5P
   Chip Resistors
CR0805 BOURNS-CR0805 Datasheet
218Kb / 5P
   Three layer contacting process with nickel barrier prevents leaching and provides excellent solderability
More results

Similar Description - CR0805

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0805-FX-4751ELF BOURNS-CR0805-FX-4751ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CHPREZTR BOURNS-CHPREZTR Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-JW-103E BOURNS-CR0603-JW-103E Datasheet
180Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-2001ELF BOURNS-CR0805-FX-2001ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR1206-FX-1500ELF BOURNS-CR1206-FX-1500ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-JW-103ELF BOURNS-CR0805-JW-103ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0603-121ELF BOURNS-CR0603-121ELF Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-8200GLF BOURNS-CR0805-FX-8200GLF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-33R0ELF BOURNS-CR0805-33R0ELF Datasheet
259Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR1206-FX-1501ELF BOURNS-CR1206-FX-1501ELF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com