Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP1L-M40D Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CP1L-M40D
Description  High Performing Programmable Controller with Embedded Ethernet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1L-M40D Datasheet(HTML) 3 Page - Omron Electronics LLC

  CP1L-M40D Datasheet HTML 1Page - Omron Electronics LLC CP1L-M40D Datasheet HTML 2Page - Omron Electronics LLC CP1L-M40D Datasheet HTML 3Page - Omron Electronics LLC CP1L-M40D Datasheet HTML 4Page - Omron Electronics LLC CP1L-M40D Datasheet HTML 5Page - Omron Electronics LLC CP1L-M40D Datasheet HTML 6Page - Omron Electronics LLC CP1L-M40D Datasheet HTML 7Page - Omron Electronics LLC CP1L-M40D Datasheet HTML 8Page - Omron Electronics LLC CP1L-M40D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
CP1L
3
Note: 1. Refer to "Models and Software Versions" about supported software.
2. Refer to "Option Unit Specifications" about supported Option Units.
■ Options for CPU Units
*1. Cannot be used for the CP1L-L10.
*2. When using CP1W-CIF41 Ver.1.0, one Ethernet port can be added.
*3. CP1L-EM / EL only.
*4. Cannot be used for the CP1L-EM / EL.
CPU Unit
Specifications
Model
Standards
CPU type
Power
supply
Output method
Inputs
Outputs
CP1L-L CPU Units with 20
Points
Memory capacity: 5K steps
High-speed counters:
100 kHz, 4 axes
Pulse outputs: 100 kHz, 2 axes
(Models with transistor outputs
only)
AC power
supply
Relay output
12
8
CP1L-L20DR-A
UC1, N,
L, CE
Transistor output
(sinking)
CP1L-L20DT-A
DC power
supply
Relay output
CP1L-L20DR-D
Transistor output
(sinking)
CP1L-L20DT-D
Transistor output
(sourcing)
CP1L-L20DT1-D
CP1L-L CPU Units with 14
Points
Memory capacity: 5K steps
High-speed counters:
100 kHz, 4 axes
Pulse outputs: 100 kHz, 2 axes
(Models with transistor outputs
only)
AC power
supply
Relay output
86
CP1L-L14DR-A
UC1, N,
L, CE
Transistor output
(sinking)
CP1L-L14DT-A
DC power
supply
Relay output
CP1L-L14DR-D
Transistor output
(sinking)
CP1L-L14DT-D
Transistor output
(sourcing)
CP1L-L14DT1-D
CP1L-L CPU Units with 10
Point
Memory capacity: 5K steps
High-speed counters:
100 kHz, 4 axes
Pulse outputs: 100 kHz, 2 axes
(Models with transistor outputs
only)
AC power
supply
Relay output
64
CP1L-L10DR-A
UC1, N,
L, CE
Transistor output
(sinking)
CP1L-L10DT-A
DC power
supply
Relay output
CP1L-L10DR-D
Transistor output
(sinking)
CP1L-L10DT-D
Transistor output
(sourcing)
CP1L-L10DT1-D
Name
Specifications
Model
Standards
RS-232C Option Board
Can be mounted in either CPU Unit Option Board slot 1 or 2. *1
CP1W-CIF01
UC1, N,
L, CE
RS-422A/485 Option Board
CP1W-CIF11
RS-422A/485 (Isolated-type)
Option Board
CP1W-CIF12
UC1, N,
L, CE
Ethernet Option Board
Can be mounted in either CPU Unit Option Board slot 1 or 2. *1 *2 *4
CP1W-CIF41
UC1, N,
L, CE
Analog Input Option Board
Can be mounted in either CPU Unit Option Board slot 1 or 2. *3
2 analog inputs. 0-10V(Resolution:1/4000), 0-20mA (Resolution:1/2000).
CP1W-ADB21
CE
Analog Output Option Board
Can be mounted in either CPU Unit Option Board slot 1 or 2. *3
2 analog outputs. 0-10V (Resolution:1/4000).
CP1W-DAB21V
CE
Analog I/O Option Board
Can be mounted in either CPU Unit Option Board slot 1 or 2. *3
2 analog inputs. 0-10V(Resolution:1/4000), 0-20mA(Resolution:1/2000).
2 analog outputs. 0-10V (Resolution:1/4000).
CP1W-MAB221
CE
LCD Option Board
Can be mounted only in the CPU Unit Option Board slot 1. *1
CP1W-DAM01
UC1, L,
N, CE
Memory Cassette
Can be used for backing up programs or auto-booting.
CP1W-ME05M
UC1, N,
L, CE
CP1L.fm
3 ページ
2012年3月19日 月曜日 午後2時57分


Similar Part No. - CP1L-M40D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CP1-023-ND AD-CP1-023-ND Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V NAIS-CP1-12V Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V-X NAIS-CP1-12V-X Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V-Z NAIS-CP1-12V-Z Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
More results

Similar Description - CP1L-M40D

ManufacturerPart #DatasheetDescription
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
   embedded Ethernet controller
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
   LAN/Modem Controller with Embedded Fast Ethernet PHY
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
   Programmable Embedded Controller with Intel짰 Atom??D525 Platform
750-880 ETC2-750-880 Datasheet
112Kb / 2P
   PLC - ETHERNET Programmable Fieldbus Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
Beckhoff Automation Gmb...
CX8190 BECKHOFF-CX8190 Datasheet
140Kb / 3P
   Embedded PC with different Ethernet protocols
logo
Axiomtek Co., Ltd.
ICO200 AXIOMTEK-ICO200 Datasheet
195Kb / 1P
   Embedded Field Controller with AMD
logo
List of Unclassifed Man...
RCM3200 ETC1-RCM3200 Datasheet
2Mb / 96P
   C-Programmable Module with Ethernet
RCM3000 ETC1-RCM3000 Datasheet
2Mb / 128P
   C-Programmable Module with Ethernet
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
   Embedded Controller
5/6/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com