Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400046-0100(CRM100) Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 400046-0100(CRM100)
Description  Precision Navigation and Pointing Gyroscope CRM200 Technical Datasheet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

400046-0100(CRM100) Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  400046-0100(CRM100) Datasheet HTML 1Page - List of Unclassifed Manufacturers 400046-0100(CRM100) Datasheet HTML 2Page - List of Unclassifed Manufacturers 400046-0100(CRM100) Datasheet HTML 3Page - List of Unclassifed Manufacturers 400046-0100(CRM100) Datasheet HTML 4Page - List of Unclassifed Manufacturers 400046-0100(CRM100) Datasheet HTML 5Page - List of Unclassifed Manufacturers 400046-0100(CRM100) Datasheet HTML 6Page - List of Unclassifed Manufacturers 400046-0100(CRM100) Datasheet HTML 7Page - List of Unclassifed Manufacturers 400046-0100(CRM100) Datasheet HTML 8Page - List of Unclassifed Manufacturers 400046-0100(CRM100) Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Specification Continued
Parameter
Minimum
Typical
Maximum
Notes
Scale Factor
non-linearity
–0.06%
0.2%
Percentage of dynamic
range using a best
straight line fit
Bias (nominal), +25°C
Vdd/2 ±12mV
Bias variation
with temperature
-3°/s
+3°/s
Bias switch on
repeatability
–0.14°/s rms–
Bias drift with time
after switch on
0.05°/s/min
After 250 seconds
Bias instability
24°/hr (75°/s range)
40°/hr (900°/s range)
Allan Variance
Digital Output Mode Sensitivity:
Scale Factor (k)
(nominal)
For ±75°/s operation, k = 96 LSB/°/s
For ±150°/s operation, k = 48 LSB/°/s
For ±300°/s operation, k = 24 LSB/°/s
For ±900°/s operation, k = 8 LSB/°/s
Note: Digital output is
NOT Ratiometric
Scale Factor variation
at +25°C
–±0.5%–
Scale Factor variation
over temperature
-3%
±1%
+3%
Scale Factor
non-linearity
–0.16%
0.2%
Percentage of dynamic
range using a best
straight line fit
Bias (nominal), +25°C
000010 ±9610 LSB
Bias variation
with temperature
-3°/s
+3°/s
Bias switch on
repeatability
–0.14°/s rms–
Bias drift with time
after switch on
0.05°/s/min
After 250 seconds
Bias instability
24°/hr (75°/s range)
40°/hr (900°/s range)
Allan Variance
Noise:
Rate noise density
0.018°/s/
Hz
0.025°/s/
Hz
Angular Random Walk
0.28°/
hr
Allan Variance
Frequency Response:
Bandwidth
5Hz
160Hz
User selectable
see Section 7.5
Temperature Sensor:
Digital output only
Offset
051210
Nominal for 0°C
CRM200-00-0100-132 Rev 5
Page 4
© Copyright 2011 Silicon Sensing Systems Limited. All rights reserved. Silicon Sensing is an Atlantic Inertial Systems, Sumitomo Precision Products joint venture company.
Specification subject to change without notice.
Precision Navigation and Pointing Gyroscope
CRM200 Technical Datasheet
www.pinpoint-gyro.com


Similar Part No. - 400046-0100(CRM100)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
40004 ETC1-40004 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
Wurth Elektronik GmbH &...
40004020 WURTH-40004020 Datasheet
291Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.001
40004030 WURTH-40004030 Datasheet
210Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.000
40004040 WURTH-40004040 Datasheet
290Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.001
More results

Similar Description - 400046-0100(CRM100)

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8548 TEC-408-8548 Datasheet
95Kb / 2P
   Hand Trim and Pointing Tool
logo
Chicago Miniature Lamp,...
CMDA43 CML-CMDA43 Datasheet
579Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA42 CML-CMDA42 Datasheet
483Kb / 1P
   Power LED (1watt) Technical Datasheet
CMDA49XX15D13L CML-CMDA49XX15D13L Datasheet
416Kb / 1P
   Power LED (2.5 Watt) Technical Datasheet
logo
Suntsu Electronics, Inc...
SATPA-18F18F4A-GPB9 SUNTSU-SATPA-18F18F4A-GPB9 Datasheet
599Kb / 3P
   Satellite Navigation And Tracking Systems
logo
Visual Communications C...
CM16870 VCC-CM16870 Datasheet
74Kb / 1P
   Aircraft Navigation and Anticollision Lamps
logo
Chicago Miniature Lamp,...
CM16870 CML-CM16870 Datasheet
229Kb / 1P
   Aircraft Navigation and Anticollision Lamps
logo
Suntsu Electronics, Inc...
SATPA-25A25A4A-GPB7 SUNTSU-SATPA-25A25A4A-GPB7 Datasheet
735Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-15A15A4A-GPB8 SUNTSU-SATPA-15A15A4A-GPB8 Datasheet
308Kb / 3P
   Satellite Navigation And Tracking Systems
SATPA-15A15A4A-GPB7 SUNTSU-SATPA-15A15A4A-GPB7 Datasheet
1Mb / 3P
   Satellite Navigation And Tracking Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com