Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSRN2512FKR150 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CSRN2512FKR150
Description  CSR/CSRN Series Thick Film Current Sensing Resistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSRN2512FKR150 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CSRN2512FKR150 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSRN2512FKR150 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSRN2512FKR150 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSRN2512FKR150 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSRN2512FKR150 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSRN2512FKR150 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 11/05/2012
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR/CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Test
Test Specification
Test Conditions
Test Limits
Typical
High Temperature Exposure
MIL-STD-202 Method 108
1000 hrs. @ T=155°C. Unpowered. Measurement
at 24 ± 4 hours after test conclusion.
1% Tol: (±1.0% +0.05 )
2%, 5% Tol:(±1.5% +0.10 )
≤ 0.5%
Temperature Cycling
JESD22 Method JA-104
1000 Cycles (-55°C to +125°C) Measurement at
24 ± 4 hours after test conclusion.
30 min maximum dwell time at each temperature
extreme. 1 min. maximum transition time.
1% Tol: (±0.5% +0.05 )
2%, 5% Tol:(±1.5% +0.10 )
≤ 0.5%
Biased Humidity
MIL-STD-202 Method 103
1000 hours 85°C/85% RH. Note: Specified conditions:
10% of operating power. Measurement at 24 ± 4
hours after test conclusion.
1% Tol: (±1.00% +0.10 )
2%, 5% Tol:(±2.00% +0.10 )
≤ 0.5%
Operational Life
MIL-STD-202 Method 108
Condition D Steady State TA=125°C at rated power.
Measurement at 24 ± 4 hours after test conclusion.
1% Tol: (±1.00% +0.10 )
2%, 5% Tol:(±2.00% +0.10 )
≤ 0.5%
External Visual
MIL-STD 883 Method 2009
Electrical test not required. Inspect device
construction, marking and workmanship
--
Pass
Physical Dimensions
JESD22 Method JB-100
Verify physical dimensions to the applicable device
detail specification. Note: User(s) and Suppliers spec.
Electrical test not required.
--
Pass
Resistance to Solvents
MIL-STD 202 Method 215
Note: Aqueous wash chemical - OKEM Clean or
equivalent. Do not use banned solvents.
Marking unsmeared
Pass
Mechanical Shock
MIL-STD 202 Method 213
Figure 1 of Method 213. Condition C.
1% Tol: (±0.25% +0.05 )
2%, 5% Tol:(±1.00% +0.05 )
≤ 0.5%
Vibration
MIL-STD 202 Method 204
5 g's for 20 min., 12 cycles each of 3 orientations.
Note: Use 8"X5" PCB 0.031" thick 7 secure points on
one long side and 2 secure points at corners of
opposite sides. Parts mounted within 2" from any
secure point. Test from 10 - 2000 Hz.
1% Tol: (±0.50% +0.05 )
2%, 5% Tol:(±1.00% +0.05 )
≤ 0.5%
Resistance to Soldering Heat
MIL-STD 202 Method 210
Condition B no pre-heat of samples. Note: Single
wave solder - Procedure 2 for SMD.
1% Tol: (±0.50% +0.05 )
2%, 5% Tol:(±1.00% +0.05 )
≤ 0.5%
ESD
AEC-Q200-002
With the electrometer in direct contact with the
discharge tip, verify the voltage setting at levels
of ±500 V, ±1kV, ±2kV, ±4kV, ±8kV.
The electrometer reading shall be within ±10%
for voltages from 500 V to ≤ 8 kV.
--
Pass
Solderability
J-STD-002
Electrical test not required. Magnification 50X.
Conditions:
SMD:
a) Method B, 4 hrs @ 155°C dry heat @ 235°C.
b) Method B @ 215°C category 3.
c) Method D category 3 @ 260°C.
> 95% Coverage
Pass
Electrical Characterization
User Spec
Parametrically test per lot and sample size
requirements, summary to show Min, Max, Mean and
Standard Deviation at room as well as Min and Max
operating temperatures.
--
Pass
Flammability
UL-94
V-0 or V-1 are acceptable.
Electrical test not required.
No ignition of tissue or scorching
of pine board.
Pass
Board Flex
AEC-Q200-005
60 second minimum holding time.
1% Tol: (±1.00% +0.05 )
2%, 5% Tol:(±1.00% +0.05 )
≤ 0.5%
Terminal Strength (SMD)
AEC-Q200-006
None broken
Pass
Flame Retardance
AEC-Q200-001
No flame
Pass
Operating Temperature Range: -55ºC to +155ºC
Performance Characteristics


Similar Part No. - CSRN2512FKR150

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CSRN2512FKR300CT DIODES-CSRN2512FKR300CT Datasheet
431Kb / 6P
   High Current and High Voltage LED Driver
logo
Stackpole Electronics, ...
CSRN2512FKR350-HP SEI-CSRN2512FKR350-HP Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
More results

Similar Description - CSRN2512FKR150

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSR SEI-CSR Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
   Thick Film Current Sensing Resistors
008-0337-0 CTS-008-0337-0 Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
logo
Stackpole Electronics, ...
CSRT SEI-CSRT Datasheet
367Kb / 8P
   Thin Film Current Sensing Resistor
3/28/2022
logo
List of Unclassifed Man...
RS02 ETC-RS02 Datasheet
1Mb / 3P
   CURRENT SENSING THICK FILM CHIP RESISTROS
logo
Eaton All Rights Reserv...
MFHA EATON-MFHA Datasheet
599Kb / 6P
   SMD current sensing resistor-metal film
June 2022
MFL EATON-MFL Datasheet
613Kb / 9P
   SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
   SMD current sensing resistor- metal film
June 2022
logo
KOA Speer Electronics, ...
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
   surge current thick film chip resistor
SG731JT KOA-SG731JT Datasheet
92Kb / 2P
   surge current thick film chip resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com