Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSTLS20M0X53-B0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # CSTLS20M0X53-B0
Description  Ceramic Resonator (CERALOCK)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLS20M0X53-B0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button CSTLS20M0X53-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLS20M0X53-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTLS20M0X53-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTLS20M0X53-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTLS20M0X53-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTLS20M0X53-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTLS20M0X53-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTLS20M0X53-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTLS20M0X53-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
4
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1
1 Characteristics and Types of CERALOCK®
MHz Band Chip CERALOCK® (CSACW/CSTCC/
CSTCR/CSTCE/CSTCW Series)
The MHz band Chip CERALOCK® has a wide frequency
range and small footprint to meet further downsizing
and high-density mounting requirements.
The table shows the dimensions and two-terminals
standard land patterns of the CERALOCK® CSACW
series.
The second table shows the dimensions and three-
terminals standard land patterns of CSTCC/CSTCR/
CSTCE/CSTCW series chip resonator (built-in load
capacitance type.) The carrier tape dimensions of
CSTCR series are shown on the next page.
Part Numbering
Dimensions and Standard Land Pattern of Chip
CERALOCK® (CSACW Series)
Part Number
Frequency (MHz)
Dimensions
Standard Land Pattern (in mm)
20.01–70.00
2.5
0.5
0.5
2.0
CSACW
X
Product ID
Frequency/No capacitance built-in
A: No Capacitance Built-in, T: Built-in Capacitance
Structure/Size
CC/CR/CE: Cap Chip Type, CW: Monolithic Chip Type
Nominal Center Frequency
Type
G: Thickness Shear Vibration,
V: Thickness Longitudinal Vibration,
X: Thickness Longitudinal Vibration (3rd overtone)
Frequency Tolerance
1: ±0.1%, 2: ±0.2%, 3: ±0.3%, 5: ±0.5%, Z: Others
Load Capacitance Value
(In case of CSACW, value is for external capacitance of
standard circuit)
1: 5pF or 6pF, 2 : 10pF, 3: 15pF, 5: 33pF or 39pF,
6: 47pF
Individual Specification
With standard products, "
Individual Specification" is
omitted, and "
Package Specification Code" is carried up.
Packaging
–B0: Bulk,
–R0: Plastic Taping φ180mm Reel Package
∗1 Thickness varies with frequency.
(Ex.)
CS
T
CR
4M00
G
5
3
-R0
P17E.pdf
2012.10.31


Similar Part No. - CSTLS20M0X53-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTLS20M0X53-B0 MURATA-CSTLS20M0X53-B0 Datasheet
722Kb / 32P
   Ceramic Resonator
CSTLS20M0X53-B0 MURATA-CSTLS20M0X53-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
CSTLS20M0X53-B0 MURATA-CSTLS20M0X53-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
logo
Murata Manufacturing Co...
CSTLS20M0X53-B0 MURATA1-CSTLS20M0X53-B0 Datasheet
341Kb / 15P
   Specification of Piezoelectric Ceramic Resonator
March 23, 2017
More results

Similar Description - CSTLS20M0X53-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
P16E MURATA-P16E Datasheet
1Mb / 45P
   Ceramic Resonators (CERALOCK)
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com