Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4275V Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C4275V
Description  8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4275V Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C4275V Datasheet HTML 3Page - Cypress Semiconductor CY7C4275V Datasheet HTML 4Page - Cypress Semiconductor CY7C4275V Datasheet HTML 5Page - Cypress Semiconductor CY7C4275V Datasheet HTML 6Page - Cypress Semiconductor CY7C4275V Datasheet HTML 7Page - Cypress Semiconductor CY7C4275V Datasheet HTML 8Page - Cypress Semiconductor CY7C4275V Datasheet HTML 9Page - Cypress Semiconductor CY7C4275V Datasheet HTML 10Page - Cypress Semiconductor CY7C4275V Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CY7C4255V, CY7C4265V
CY7C4275V, CY7C4285V
Document Number: 38-06012 Rev. *D
Page 7 of 24
Programmable Almost Empty/Almost Full Flag
The CY7C4255/65/75/85V features programmable Almost
Empty and Almost Full Flags. Each flag can be programmed
(described in section Programming on page 6) a specific
distance from the corresponding boundary flags (Empty or Full).
When the FIFO contains the number of words or fewer for which
the flags have been programmed, the PAF or PAE is asserted,
signifying that the FIFO is either Almost Full or Almost Empty.
See Table 3 for a description of programmable flags.
When the SMODE pin is tied LOW, the PAF flag signal transition
is caused by the rising edge of the write clock and the PAE flag
transition is caused by the rising edge of the read clock.
Retransmit
The retransmit feature is beneficial when transferring packets of
data. It enables the receipt of data to be acknowledged by the
receiver and retransmitted if necessary.
The Retransmit (RT) input is active in the standalone and width
expansion modes. The retransmit feature is intended for use
when a number of writes equal to or less than the depth of the
FIFO have occurred and at least one word has been read since
the last RS cycle. A HIGH pulse on RT resets the internal read
pointer to the first physical location of the FIFO. WCLK and
RCLK may be free running but must be disabled during and tRTR
after the retransmit pulse. With every valid read cycle after
retransmit, previously accessed data is read and the read pointer
is incremented until it is equal to the write pointer. Flags are
governed by the relative locations of the read and write pointers
and are updated during a retransmit cycle. Data written to the
FIFO after activation of RT are transmitted also. The full depth of
the FIFO can be repeatedly retransmitted.
Width Expansion Configuration
The CY7C4255/65/75/85V can be expanded in width to provide
word widths greater than 18 in increments of 18. During width
expansion mode, all control line inputs are common and all flags
are available. Empty (Full) flags must be created by ANDing the
Empty (Full) flags of every FIFO. The PAE and PAF flags can be
detected from any one device. This technique avoids reading
data from, or writing data to the FIFO that is “staggered” by one
clock cycle due to the variations in skew between RCLK and
WCLK. Figure 2 on page 8 demonstrates a 36-word width by
using two CY7C4255/65/75/85Vs.
Table 3. Flag Truth Table
Number of Words in FIFO
FF PAF HF PAE EF
7C4255V – 8 K × 18
7C4265V – 16 K × 18
7C4275V – 32 K × 18
7C4285V – 64 K × 18
0
000
H
H
H
L
L
1 to n[2]
1 to n[2]
1 to n[2]
1 to n[2]
HH
H
L
H
(n+1) to 4096
(n+1) to 8192
(n+1) to 16384
(n+1) to 32768
H
H
H
H
H
4097 to (8192–(m+1)) 8193 to (16384 –(m+1)) 16385 to (32768–(m+1)) 32769 to (65536 –(m+1))
H
H
L
H
H
(8192–m)[3] to 8192
(16384–m)[3] to 16384
(32768–m)[3] to 32767
(65536–m)[3] to 65535
HL
LH
H
8192
16384
32768
65536
L
L
L
H
H
Notes
2. n = Empty Offset (Default Values: CY7C4255/65/75/85V n = 127).
3. m = Full Offset (Default Values: CY7C4255/65/75/85V n = 127).
[+] Feedback


Similar Part No. - CY7C4275V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4275V CYPRESS-CY7C4275V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V CYPRESS-CY7C4275V Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V-10ASC CYPRESS-CY7C4275V-10ASC Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V-10ASC CYPRESS-CY7C4275V-10ASC Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V-15ASC CYPRESS-CY7C4275V-15ASC Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results

Similar Description - CY7C4275V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V_11 Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CYDMX256A16 CYPRESS-CYDMX256A16 Datasheet
691Kb / 25P
   16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
logo
Fujitsu Component Limit...
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit SPI
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com