Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYD18S72V18 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYD18S72V18
Description  FullFlex Synchronous SDR Dual Port SRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD18S72V18 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYD18S72V18 Datasheet HTML 7Page - Cypress Semiconductor CYD18S72V18 Datasheet HTML 8Page - Cypress Semiconductor CYD18S72V18 Datasheet HTML 9Page - Cypress Semiconductor CYD18S72V18 Datasheet HTML 10Page - Cypress Semiconductor CYD18S72V18 Datasheet HTML 11Page - Cypress Semiconductor CYD18S72V18 Datasheet HTML 12Page - Cypress Semiconductor CYD18S72V18 Datasheet HTML 13Page - Cypress Semiconductor CYD18S72V18 Datasheet HTML 14Page - Cypress Semiconductor CYD18S72V18 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
CYDXXS72V18
CYDXXS36V18
CYDXXS18V18
Document Number: 38-06082 Rev. *O
Page 11 of 53
Selectable IO Standard
The FullFlex device families offer the option to choose one of the
four port standards for the device. Each port independently
selects standards from single ended HSTL class I, single ended
LVTTL, 2.5 V LVCMOS, or 1.8 V LVCMOS. The selection of the
standard is determined by the PORTSTD pins for each port.
These pins must be connected to an LVTTL power suppy. This
determines the input clock, address, control, data, and Echo
clock standard for each port as shown in Table 1.
Clocking
Separate clocks synchronize the operations on each port. Each
port has one clock input C. In this mode, all the transactions on
the address, control, and data are on the C rising edge. All
transactions on the address, control, data input, output, and byte
enables occur on the C rising edge.
Selectable Pipelined or Flow through Mode
To meet data rate and throughput requirements, the FullFlex
families offer selectable pipelined or flow through mode. Echo
clocks are not supported in flow through mode and the DLL must
be disabled.
Flow through mode is selected by the FTSEL pin. Strapping this
pin HIGH selects pipelined mode. Strapping this pin LOW selects
flow through mode.
DLL
The FullFlex familes of devices have an on-chip DLL. Enabling
the DLL reduces the clock to data valid (tCD) time enabling more
setup time for the receiving device. In flow through mode, the
DLL must be disabled. This is selectable by strapping LowSPD
low.
Whenever the operating frequency is altered beyond the Clock
Input Cycle to Cycle Jitter specification, reset the DLL, followed
by 1024 clocks before any valid operation.
LowSPD pins are used to reset the DLLs for a single port
independent of all other circuitry. MRST is used to reset all DLLs
on the chip. For more information on DLL lock and reset time,
see Master Reset on page 18.
Echo Clocking
As the speed of data increases, on-board delays caused by
parasitics make it extremely difficult to provide accurate clock
trees. To counter this problem, the FullFlex families incorporate
Echo Clocks. Echo Clocks are enabled on a per port basis. The
dual port receives input clocks that are used to clock in the
address and control signals for a read operation. The dual port
retransmits the input clocks relative to the data output. The
buffered clocks are provided on the CQ1/CQ1 and CQ0/CQ0
outputs. Each port has a pair of Echo clocks. Each clock is
associated with half the data bits. The output clock matches the
corresponding ports IO configuration.
To enable echo clock outputs, tie CQEN HIGH. To disable echo
clock outputs, tie CQEN LOW.
Deterministic Access Control
Deterministic Access Control is provided for ease of design. The
circuitry detects when both ports access the same location and
provides an external BUSY flag to the port on which data is
corrupted. The collision detection logic saves the address in
conflict (Busy Address) to a readable register. In the case of
multiple collisions, the first busy address is written to the busy
address register.
If both ports access the same location at the same time and only
one port is doing a write, if tCCS is met, then the data written to
and read from the address is valid data. For example, if the right
port is reading and the left port is writing and the left ports clock
meets tCCS, then the data read from the address by the right port
is the old data. In the same case, if the right ports clock meets
tCCS, then the data read out of the address from the right port is
the new data. In the above case, if tCCS is violated by the either
ports clock with respect to the other port and the right port gets
the external BUSY flag, the data from the right port is corrupted.
Table 3 on page 12 shows the tCCS timing that must be met to
guarantee the data.
Table 4 on page 12 shows that, in the case of the left port writing
and the right port reading, when an external BUSY flag is
asserted on the right port, the data read out of the device is not
guaranteed.
The value in the busy address register is read back to the
address lines. The required input control signals for this function
are shown in Table 7 on page 14. The value in the busy address
register is read out to the address lines tCA after the same
amount of latency as a data read operation. After an initial
address match, the BUSY flag is asserted and the address under
contention is saved in the busy address register. All the following
Table 1. Port Standard Selection
PORTSTD1
PORTSTD0
I/O Standard
VSS
VSS
LVTTL
VSS
VTTL
HSTL
VTTL
VSS
2.5 V LVCMOS
VTTL
VTTL
1.8 V LVCMOS
Table 2. Data Pin Assignment
BE Pin Name
Data Pin Name
BE[7]
DQ[71:63]
BE[6]
DQ[62:54]
BE[5]
DQ[53:45]
BE[4]
DQ[44:36]
BE[3]
DQ[35:27]
BE[2]
DQ[26:18]
BE[1]
DQ[17:9]
BE[0]
DQ[8:0]
Figure 6. SDR Echo Clock Delay
Input Clock
Echo Clock
Data Out
Echo Clock


Similar Part No. - CYD18S72V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V18-167BGC CYPRESS-CYD18S72V18-167BGC Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
CYD18S72V18-167BGI CYPRESS-CYD18S72V18-167BGI Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
CYD18S72V18-167BGXC CYPRESS-CYD18S72V18-167BGXC Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
CYD18S72V18-200BGI CYPRESS-CYD18S72V18-200BGI Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
CYD18S72V18-200BGXI CYPRESS-CYD18S72V18-200BGXI Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
More results

Similar Description - CYD18S72V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FULLFLEX CYPRESS-FULLFLEX Datasheet
1Mb / 52P
   FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Fujitsu Component Limit...
MB8421 FUJITSU-MB8421 Datasheet
612Kb / 14P
   CMOS 16K-BIT DUAL-PORT SRAM
MB8441-45 FUJITSU-MB8441-45 Datasheet
992Kb / 19P
   CMOS 64K-BIT DUAL PORT SRAM
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com